Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1KB Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # S1KB
Description  SEALED ¼” MINI JACK MODEL S1K
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

S1KB Datasheet(HTML) 1 Page - Electronic Components Ltd.

  S1KB Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey RH1 2PF U.K.
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
For further information, contact: sales@cliffuk.co.uk
SEALED ¼” MINI JACK MODEL S1K
RoHS
Many types of professional music equipment nowadays use high power components, and
need to be cooled by fans. Fans draw in dust and pollutants which can adversely affect
the contacts of conventional jacks, with exposed contacts.
S1K avoids possibility of contamination of contacts by means of a sealing cover over the
top and bottom of the jack. The height profile and PCB fitting are the same as our
standard S1 jacks.
S1K is available with switched mono /BNB or stereo /BBB configurations and types of
front bush. Other contact configurations can be made subject to quantity. Plastic nut is
standard.
Standard colour is all black. Other colours to order only.
MODELS
S1KA Standard fully threaded for plastic or metal nut.
S1KB SPN - Partially reduced nose. Nuts not usually used, but are supplied.
S1KC Full thread with discrete bright insert and isolated RFI washer
S1KD Full thread with prominent bright insert. RFI washer connected to inserted jack
plug.
S1KE Non thread bush. Nuts not used.
Retained hole plug forming a seal for front is available as an accessory.
S1KA
S1KB
S1KC
S1KD
SPECIFICATION
Order as:
S1K[ ]
BNB - Mono
BBB - Stereo
Type
RoHS / REACH compliant
All models, except type E,supplied with plastic nut and washer
100 / Tray / 1000 / Carton
S1KE
Withstand Voltage:
2000VDC Min.
Maximum Current:
5A.
Temperature Rating:
-10°C ~ +70°C
Life >10000 operations: Contact resistance <100m
Ω
Initial Contact Resistance:
<50m
Ω
IP Rating (with plug in):
IP50
Black socket showing
hole seal.
FC67810
S1KA/BBB/WNW SEALED JACK STD
FC67815
S1KA/BNB/WNW SEALED JACK STD
FC67820
S1KB/BBB/WNW/SPN SEALED JACK
FC67825
S1KB/BNB/WNW/SPN SEALED JACK
FC67830
S1KC/BBB/NI/WN/IEW SEALED JACK
IEW = isolated earth washer
FC67835
S1KC/BNB/NI/WN/IEW SEALED JACK
FC67840
S1KD/BBB/NI/WN/CEW SEALED JACK
CEW = connected earth washer
FC67845
S1KD/BNB/NI/WN/CEW SEALED JACK
FC67850
S1KE/BBB/NNW SEALED JACK PLAIN
FC67855
S1KE/BNB/NNW SEALED JACK PLAIN
FC67858
S1K FRONT SEAL
PART Nos.


Similar Part No. - S1KB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S1KB SSE-S1KB Datasheet
18Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1KB DIODES-S1KB Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
Weitron Technology
S1KB WEITRON-S1KB Datasheet
116Kb / 3P
Surface Mount Standard Recovery Glass Passivated
logo
Taiwan Semiconductor Co...
S1KB TSC-S1KB Datasheet
54Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1KB TSC-S1KB Datasheet
248Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results

Similar Description - S1KB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
85037-T BOURNS-85037-T Datasheet
395Kb / 1P
Sealed Switching Jack
logo
Pasternack Enterprises,...
PE9608 PASTERNACK-PE9608 Datasheet
254Kb / 2P
75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
logo
List of Unclassifed Man...
BU-P2142-0 ETC2-BU-P2142-0 Datasheet
185Kb / 1P
Mini Banana Jack
logo
PANDUIT CORP.
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
logo
Adam Technologies, Inc.
MDJ-00X-FS-GRN ADAM-TECH-MDJ-00X-FS-GRN Datasheet
144Kb / 1P
MINI DIN JACK
MDV-00X-M ADAM-TECH-MDV-00X-M Datasheet
68Kb / 1P
MINI DIN JACK
MPJ-H-4P ADAM-TECH-MPJ-H-4P Datasheet
78Kb / 1P
MINI DIN JACK
logo
Rosenberger Hochfrequen...
18K101-K00L5 ROSENBERGER-18K101-K00L5 Datasheet
38Kb / 2P
ADAPTOR Mini SMP JACK - JACK
18K104-K00L5 ROSENBERGER-18K104-K00L5 Datasheet
55Kb / 2P
ADAPTOR Mini SMP JACK - JACK
logo
Linx Technologies
ADP-NF-NF-B-W LINX-ADP-NF-NF-B-W Datasheet
499Kb / 4P
N Jack to N Jack Sealed Bulkhead Adapter
2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com