Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOA-RSTN-SM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FOA-RSTN-SM
Description  RGD ST ADPT SM CERAMIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOA-RSTN-SM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FOA-RSTN-SM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3/8-24 UNF-2A
2X, DUST CAP
ST ADAPTER
1.17
29.7
.438
11.13
LOCK WASHER
HEX NUT
.30
FLATS
7.6
.386±.005
9.80±0.13
.315±.005
8.00±0.13
NOTES:
DUST CAPS ARE INSTALLED FOR SHIPMENT.
COMPONENTS COME UNASSEMBLED AND SHALL BE INDIVIDUALLY
PACKAGED IN A POLY BAG.
RECOMMENDED
PANEL CUTOUT
MODEL NUMBER
FOA-RSTN-SM
FOA-RSTS-SM
DESCRIPTION
ST/ST ADAPTER
SINGLE MODE
ST/ST ADAPTER
SINGLE MODE
MATERIAL
BRASS
STAINLESS STEEL
FINISH
NICKEL PLATE
PASSIVATED
SLEEVE
ZIRCONIA
ZIRCONIA
HARDWARE
SST, PASSIVATED
SST, PASSIVATED
DUST CAP
PVC
PVC
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
FOA-RST
A
FOA-RST.SLDDRW
1
1
D.GUTTADAURO
2/16/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.GALLAGHER
2/16/12
4/6/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
RGD ST ADPT SM CERAMIC
FIBER OPTICS
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
2/16/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - FOA-RSTN-SM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FOA-RSTS-SM L-COM-FOA-RSTS-SM Datasheet
67Kb / 1P
RGD ST ADPT SM CERAMIC
2/16/12
More results

Similar Description - FOA-RSTN-SM

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFUKFG GOLLEDGE-CFUKFG Datasheet
48Kb / 1P
SM CERAMIC FILTER
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD1209-75-5 WINCHESTER-SD1209-75-5 Datasheet
47Kb / 1P
ADPT, ANG, BNC-N, M-F
SD1709-1 WINCHESTER-SD1709-1 Datasheet
45Kb / 1P
ADPT M-M, BKHD, SHV
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Wurth Elektronik GmbH &...
64403160111000 WURTH-64403160111000 Datasheet
233Kb / 4P
WR-ADPT Coax Adaptor
001.000
logo
ATGBICS by Approved Tec...
GLC-ZX-SM-RGD-C ATGBICS-GLC-ZX-SM-RGD-C Datasheet
286Kb / 8P
GLC-ZX-SM-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
logo
PHOENIX CONTACT
1086569 PHOENIX-1086569 Datasheet
303Kb / 8P
FO converters - FB-SM-FO/ST
Dec 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com