Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOA-MPOF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FOA-MPOF
Description  MPO COUPLER W/ FLANGE, KEYWAY CONVERTIBLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOA-MPOF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FOA-MPOF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R.041
.594±.004
2X
1.0
10.10±0.10
.398±.004
15.09±0.10
.787±.004
20.00±0.10
RECOMMENDED
PANEL CUTOUT
UNLESS OTHERWISE SPECIFIED,
D.GRIFFIN
A
B
C
D. CASTRO
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
FOA-MPOF
B
FOA-MPOF.SLDDRW
11
11/5/14
REVISIONS
DESCRIPTION
APPROVED
REV
D. GUTTADAURO
DATE
D. GALLAGHER
11/5/14
11/5/14
A
B
INITIAL RELEASE
ECN 7679: ADDED COLOR CHART
11/14/14
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
KEYWAY CONVERTIBLE
FIBER OPTICS
PROJECTION
11/4/14
43321
MPO COUPLER W/ FLANGE,
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
SPECIFICATIONS:
INSERTION LOSS: <0.2dB
DURABILITY 500 MATINGS: <0.2dB
OPERATION TEMPERATURE: -40 C~+75 C
STORAGE TEMPERATURE: -40 C~+85 C
MISCELLANEOUS:
THIS COMPONENT WILL SHIP IN THE KEY UP TO KEY DOWN CONFIGURATION.
POLARIZATION KEY ALLOWS KEYWAY CHANGE EASILY.
RECOMMENDED PANEL THICKNESS .062 MAX.
DUST CAPS INSTALLED FOR SHIPPING (NOT SHOWN).
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
MODEL NUMBER
COLOR
FOA-MPOF
AQUA
FOA-MPOFB
BLACK
B
KEY UP TO KEY UP
POLARIZATION KEY
.39
9.8
.787
20.0
HOUSING
17.2
.68
20.5
.81
.07
1.8
KEY UP TO KEY DOWN
POLARIZATION KEY


Similar Part No. - FOA-MPOF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FOA-MPOFB L-COM-FOA-MPOFB Datasheet
57Kb / 1P
MPO COUPLER W/ FLANGE, KEYWAY CONVERTIBLE
11/4/14
More results

Similar Description - FOA-MPOF

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
34-261X-W-6-6-6-6 ATM-34-261X-W-6-6-6-6 Datasheet
128Kb / 1P
OUTLINE, WR34 HYBRID COUPLER, STYLE W
logo
Japan Aviation Electron...
MX23A34SF2 JAE-MX23A34SF2 Datasheet
167Kb / 1P
SOCKET HOUSING KEYWAY VARIATION TYPE
logo
Witten Company, Inc.
354 WITTEN-354 Datasheet
121Kb / 1P
THRU-HOLE THREADED INSERT W/FLANGE
355 WITTEN-355 Datasheet
121Kb / 1P
THRU-HOLE THREADED INSERT W/FLANGE
2005 WITTEN-2005 Datasheet
126Kb / 1P
INSERT THRU-HOLE W/FLANGE
logo
HARTING Technology Grou...
19-30-006-0716 HARTING-19-30-006-0716 Datasheet
472Kb / 2P
Han 6B Hood Coupler HC Flange housing
logo
Amphenol Corporation
AT04-08PA-PM11 AMPHENOL-AT04-08PA-PM11 Datasheet
430Kb / 2P
RECEPTACLE, 8 PIN, AT SERIES W/FLANGE
14 JUL 15
AT04-4P-PM1X AMPHENOL-AT04-4P-PM1X Datasheet
360Kb / 2P
RECEPTACLE, 4 PIN, AT SERIES, W/FLANGE, GASKET
A1
AT04-08PX-PMXX AMPHENOL-AT04-08PX-PMXX Datasheet
562Kb / 3P
RECEPTACLE, 8 PIN, AT SERIES, W/FLANGE
A3
AT04-12PX-PMXX AMPHENOL-AT04-12PX-PMXX Datasheet
650Kb / 3P
RECEPTACLE, 12 PIN, AT SERIES, W/FLANGE
A4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com