Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOA-MPOB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FOA-MPOB
Description  MPO COUPLER, KEYWAY CONVERTIBLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOA-MPOB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FOA-MPOB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.398±.004
10.10±0.10
.594±.004
15.09±0.10
POLARIZATION KEY
KEY UP TO KEY UP
KEYWAY CONVERTIBLE
B
PROJECTION
11/14/14
11/4/14
FIBER OPTICS
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
MAY VARY
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
D. GALLAGHER
5
6
A
7
8
43321
FOA-MPO.SLDDRW
MAY OCCUR
D. GUTTADAURO
11/4/14
REVISIONS
B
DESCRIPTION
APPROVED
1
REV
DATE
NORTH ANDOVER, MA
11/4/14
11/5/14
UNDIMENSIONED FEATURES
INITIAL RELEASE
ECN 7679: ADDED COLOR CHART
D.GRIFFIN
UNLESS OTHERWISE SPECIFIED,
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
FSCM NO.
1
COLOR VARIATIONS
D. CASTRO
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
FOA-MPO
MPO COUPLER,
NONE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
POLARIZATION KEY
KEY UP TO KEY DOWN
.70
17.8
SPECIFICATIONS:
INSERTION LOSS: <0.2dB
DURABILITY 500 MATINGS: <0.2dB
OPERATION TEMPERATURE: -40 C~+75 C
STORAGE TEMPERATURE: -40 C~+85 C
MISCELLANEOUS:
THIS COMPONENT WILL SHIP IN THE KEY UP TO KEY DOWN CONFIGURATION.
POLARIZATION KEY ALLOWS KEYWAY CHANGE EASILY.
RECOMMENDED PANEL THICKNESS .062 MAX.
DUST CAPS INSTALLED FOR SHIPPING (NOT SHOWN).
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
MODEL NUMBER
COLOR
FOA-MPO
AQUA
FOA-MPOB
BLACK
B
MODEL NUMBER
COLOR
FOA-MPO
AQUA
FOA-MPOB
BLACK
.39
9.8
.68
17.2
.81
20.5
.07
1.8
HOUSING
RECOMMENDED
PANEL CUTOUT


Similar Part No. - FOA-MPOB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FOA-MPO L-COM-FOA-MPO Datasheet
53Kb / 1P
MPO COUPLER, KEYWAY CONVERTIBLE
11/4/14
FOA-MPOF L-COM-FOA-MPOF Datasheet
57Kb / 1P
MPO COUPLER W/ FLANGE, KEYWAY CONVERTIBLE
11/4/14
FOA-MPOFB L-COM-FOA-MPOFB Datasheet
57Kb / 1P
MPO COUPLER W/ FLANGE, KEYWAY CONVERTIBLE
11/4/14
More results

Similar Description - FOA-MPOB

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPO-20S MPD-MPO-20S Datasheet
370Kb / 2P
MPO-20S Series
MPO-40S MPD-MPO-40S Datasheet
346Kb / 2P
MPO-40S Series
MPO-60S MPD-MPO-60S Datasheet
343Kb / 2P
MPO-60S Series
MPO-100S MPD-MPO-100S Datasheet
363Kb / 2P
MPO-100S Series
MPO-200S MPD-MPO-200S Datasheet
423Kb / 2P
MPO-200S Series
logo
Tripp Lite. All Rights ...
N84402M8LCP TRIPPLITE-N84402M8LCP Datasheet
493Kb / 2P
MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
N84405M8LCP TRIPPLITE-N84405M8LCP Datasheet
493Kb / 2P
MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
logo
Japan Aviation Electron...
MX23A34SF2 JAE-MX23A34SF2 Datasheet
167Kb / 1P
SOCKET HOUSING KEYWAY VARIATION TYPE
logo
Molex Electronics Ltd.
1200700251 MOLEX-1200700251 Datasheet
30Kb / 1P
Micro-Change (M12) US Dual Keyway Receptacle
logo
Schneider Electric
9999SX6 SCHNEIDER-9999SX6 Datasheet
69Kb / 2P
Auxiliary contact, Type S, 1 NO contact, external, field convertible
Aug 10, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com