Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSHT Datasheet(PDF) 10 Page - ABB

Part # ATSHT
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSHT Datasheet(HTML) 10 Page - ABB

Back Button ATSHT Datasheet HTML 6Page - ABB ATSHT Datasheet HTML 7Page - ABB ATSHT Datasheet HTML 8Page - ABB ATSHT Datasheet HTML 9Page - ABB ATSHT Datasheet HTML 10Page - ABB ATSHT Datasheet HTML 11Page - ABB ATSHT Datasheet HTML 12Page - ABB ATSHT Datasheet HTML 13Page - ABB ATSHT Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 Enclosed Switching Products 0115 ABB Low Voltage
11 Enclosed Switching Products 0115 ABB Low Voltage
Enclosed manual & automatic transfer switches
Functionality & features
As industrial processes and IT applications
diversify, a secure power supply is becoming
an increasingly important asset in the drive
to cut production and maintenance costs.
In emergency situations, the system logic
of power distribution can become complex
with mechanical devices looking after the
making, breaking, conducting and isolating
of power. Loads may sometimes need to
be transferred from one supply to another
— this will be the case when energy use
is restricted or when the supply source is
overloaded.
High performance level
In change-over applications where the loaded switch
may need to be operated remotely, adequate durability
has been ensured by testing against the IEC 60947-6-1
standard in the specification of endurance requirements.
Utillisation categories:
− AC-31 for non-inductive or slightly inductive load
− AC-33 for motor loads or mixed loads including motors
ABB change-over switches are rated according to
IEC 60947-6-1 standard.
ATS isolator
Bypass supply selection switch
Closed transition ATS bypass switch
Automatic transfer controller
Automatic transfer switch
ABB products for GEN SET
Circuit breaker
- ACB, MCCB
- MCB
Control panel
- ATS Panels
(Change-over switch,
monitoring relays,
push buttons)
6 | GEN SET and UPS manufacturers
Alternator
Paralleling Switchgears
GEN SET and UPS manufacturers | 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com