Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM261...ZEJQ1 Datasheet(PDF) 63 Page - Texas Instruments

Part # AM261...ZEJQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJQ1 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM261...ZEJQ1 Datasheet HTML 59Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 60Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 61Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 62Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 63Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 64Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 65Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 66Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 218 page
background image
Table 5-31. GPIO Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
GPIO22
IO
General Purpose Input/Output
A8
A10
C9
B9
GPIO23
IO
General Purpose Input/Output
D7
B9
B7
GPIO24
IO
General Purpose Input/Output
C8
A9
A8
GPIO25
IO
General Purpose Input/Output
C7
C7
C8
C9
GPIO26
IO
General Purpose Input/Output
B7
D8
A7
A9
GPIO27
IO
General Purpose Input/Output
A7
A8
A6
A8
GPIO28
IO
General Purpose Input/Output
A6
B8
B6
B8
GPIO29
IO
General Purpose Input/Output
R17
W20
P16
V19
GPIO30
IO
General Purpose Input/Output
R18
V19
M14
U17
GPIO31
IO
General Purpose Input/Output
U17
Y18
P14
W17
GPIO32
IO
General Purpose Input/Output
T17
W18
P15
V17
GPIO33
IO
General Purpose Input/Output
U18
Y19
R16
W18
GPIO34
IO
General Purpose Input/Output
T18
W19
N14
V18
GPIO35
IO
General Purpose Input/Output
N18
U20
L15
R18
GPIO36
IO
General Purpose Input/Output
M18
T20
M16
T19
GPIO37
IO
General Purpose Input/Output
P16
V18
N15
U18
GPIO38
IO
General Purpose Input/Output
P17
V20
N16
U19
GPIO39
IO
General Purpose Input/Output
P18
U19
L13
R17
GPIO40
IO
General Purpose Input/Output
N17
T19
M15
T18
GPIO41
IO
General Purpose Input/Output
N16
R17
L16
P18
GPIO42
IO
General Purpose Input/Output
M17
T18
L14
R19
GPIO43
IO
General Purpose Input/Output
B2
B3
A4
B5
GPIO44
IO
General Purpose Input/Output
B1
C3
A5
A6
GPIO45
IO
General Purpose Input/Output
D3
A2
B4
A5
GPIO46
IO
General Purpose Input/Output
D2
A3
C5
A4
GPIO47
IO
General Purpose Input/Output
C2
B1
A3
A3
GPIO48
IO
General Purpose Input/Output
C1
B2
A2
B4
GPIO49
IO
General Purpose Input/Output
E2
C1
B2
A2
GPIO50
IO
General Purpose Input/Output
E3
C2
C4
B2
GPIO51
IO
General Purpose Input/Output
D1
D2
B1
B1
GPIO52
IO
General Purpose Input/Output
E4
D1
C1
B3
GPIO53
IO
General Purpose Input/Output
F2
E2
C2
C2
GPIO54
IO
General Purpose Input/Output
G2
E1
D3
C1
GPIO55
IO
General Purpose Input/Output
E1
F2
E3
E3
GPIO56
IO
General Purpose Input/Output
F3
F1
F4
E2
GPIO57
IO
General Purpose Input/Output
F4
G2
D2
D2
GPIO58
IO
General Purpose Input/Output
F1
G1
D1
D1
GPIO59
IO
General Purpose Input/Output
G3
H2
E2
E1
GPIO60
IO
General Purpose Input/Output
H2
H1
E1
F1
GPIO61(7) (8)
IO
General Purpose Input/Output
G1
K4
F2
F2
GPIO62
IO
General Purpose Input/Output
J2
L2
F3
G1
GPIO63
IO
General Purpose Input/Output
G4
J2
GPIO64
IO
General Purpose Input/Output
J3
J1
GPIO65
IO
General Purpose Input/Output
H1
J3
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com