Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F400 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29F400 Datasheet HTML 9Page - STMicroelectronics M29F400 Datasheet HTML 10Page - STMicroelectronics M29F400 Datasheet HTML 11Page - STMicroelectronics M29F400 Datasheet HTML 12Page - STMicroelectronics M29F400 Datasheet HTML 13Page - STMicroelectronics M29F400 Datasheet HTML 14Page - STMicroelectronics M29F400 Datasheet HTML 15Page - STMicroelectronics M29F400 Datasheet HTML 16Page - STMicroelectronics M29F400 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AI01275B
3V
High Speed
0V
1.5V
2.4V
Standard
0.45V
2.0V
0.8V
Figure 4. AC Testing Input Output Waveform
AI01276B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Figure 5. AC Testing Load Circuit
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6
pF
COUT
Output Capacitance
VOUT =0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 12. Capacitance (1) (TA =25
°C, f = 1 MHz )
Block Erase (BE) Instruction. This instruction
uses a minimum of six write cycles. The Erase
Set-up command 80h is written to address AAAAh
in the Byte-wide configuration or address 5555h in
the Word-wide configuration on third cycle after the
two Coded cycles. The Block Erase Confirm com-
mand 30h is similarly written on the sixth cycle after
another two Coded cycles. During the input of the
second command an address within the block to be
erased is given and latched into the memory. Addi-
tional block Erase Confirm commands and block
addresses can be written subsequently to erase
other blocks in parallel, without further Coded cy-
cles. The erase will start after the erase timeout
period (see Erase Timer Bit DQ3 description).
Thus, additional Erase Confirm commands for
other blocks must be given within this delay. The
input of a new Erase Confirm command will restart
the timeout period. The status of the internal timer
can be monitored through the level of DQ3, if DQ3
is ’0’ the Block Erase Command has been given
and the timeout is running, if DQ3 is ’1’, the timeout
has expired and the P/E.C. is erasing the Block(s).
If the second command given is not an erase
confirm or if the Coded cycles are wrong, the
instruction aborts, and the device is reset to Read
Array. It is not necessary to program the block with
00h as the P/E.C. will do this automatically before
to erasing to FFh. Read operations after the sixth
rising edge of W or E output the status register
status bits.
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 10ns
Input Pulse Voltages
0 to 3V
0.45V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
Table 11. AC Measurement Conditions
13/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com