Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMCS5022 Datasheet(PDF) 4 Page - Whirlpool.

Part # UMCS5022
Description  MICROWAVE OVEN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

UMCS5022 Datasheet(HTML) 4 Page - Whirlpool.

  UMCS5022 Datasheet HTML 1Page - Whirlpool. UMCS5022 Datasheet HTML 2Page - Whirlpool. UMCS5022 Datasheet HTML 3Page - Whirlpool. UMCS5022 Datasheet HTML 4Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GUÍA DE DIMENSIONES
HORNO DE MICROONDAS
4 de 4
DIMENSIONES DE LA CAVIDAD INTERIOR DEL MICROONDAS
N.º DE MODELO
Unidad de medida
pul
cm
Altura de la cavidad (A)
119⁄16
29,4
Ancho de la cavidad (B)
187⁄16
46,9
Profundidad de la cavidad (C)
185⁄8
47,3
VISTA FRONTAL DE LA CAVIDAD INTERIOR
VISTA LATERAL DE LA CAVIDAD INTERIOR
VISTA SUPERIOR DE LA CAVIDAD INTERIOR
B
A
FRONTAL
C
A
FRONTAL
B
C
NOTA: Las especificaciones están sujetas a cambios sin previo aviso.
®
/™ ©2024 Whirlpool. All rights reserved. Used under license in Canada.
Todos los derechos reservados. Usado bajo licencia en Canadá.
W11731594A
06/24
WMCS7024*/UMCS5022*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com