Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201MB32 Datasheet(PDF) 4 Page - ABB

Part # S201MB32
Description  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S201MB32 Datasheet(HTML) 4 Page - ABB

  S201MB32 Datasheet HTML 1Page - ABB S201MB32 Datasheet HTML 2Page - ABB S201MB32 Datasheet HTML 3Page - ABB S201MB32 Datasheet HTML 4Page - ABB S201MB32 Datasheet HTML 5Page - ABB S201MB32 Datasheet HTML 6Page - ABB S201MB32 Datasheet HTML 7Page - ABB S201MB32 Datasheet HTML 8Page - ABB S201MB32 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
31 distribution ABB Low Voltage Contractor 0312
2
Protecta - Type B Distribution Boards
Outgoing MCBs
B
S201M
S202M
S203M
S200M Series Type B - MCBs - BS EN 60898 10kA (BS EN60947-2 15kA<50A)
Suitable for cable protection and small inrush or switching surges, heating loads and tungsten lighting
Single Pole
Product Hierarchy 2400004
Rating
Amps
kA
Part No
Order Code
Price £
6
10kA
S201MB6
2CDS271001R0065
10.94
10
10kA
S201MB10
2CDS271001R0105
10.04
16
10kA
S201MB16
2CDS271001R0165
10.04
20
10kA
S201MB20
2CDS271001R0205
10.04
25
10kA
S201MB25
2CDS271001R0255
10.04
32
10kA
S201MB32
2CDS271001R0325
10.04
40
10kA
S201MB40
2CDS271001R0405
10.94
50
10kA
S201MB50
2CDS271001R0505
11.51
63
10kA
S201MB63
2CDS271001R0635
11.64
Double Pole
6
10kA
S202MB6
2CDS272001R0065
31.41
10
10kA
S202MB10
2CDS272001R0105
28.85
13
10kA
S202MB13
2CDS272001R0135
28.85
16
10kA
S202MB16
2CDS272001R0165
28.85
20
10kA
S202MB20
2CDS272001R0205
28.85
25
10kA
S202MB25
2CDS272001R0255
28.85
32
10kA
S202MB32
2CDS272001R0325
28.85
40
10kA
S202MB40
2CDS272001R0405
31.48
50
10kA
S202MB50
2CDS272001R0505
33.00
63
10kA
S202MB63
2CDS272001R0635
33.28
Triple Pole
6
10kA
S203MB6
2CDS273001R0065
46.64
10
10kA
S203MB10
2CDS273001R0105
43.74
16
10kA
S203MB16
2CDS273001R0165
43.74
20
10kA
S203MB20
2CDS273001R0205
43.74
25
10kA
S203MB25
2CDS273001R0255
43.74
32
10kA
S203MB32
2CDS273001R0325
43.74
40
10kA
S203MB40
2CDS273001R0405
46.64
50
10kA
S203MB50
2CDS273001R0505
48.97
63
10kA
S203MB63
2CDS273001R0635
49.45



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com