Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201MB16 Datasheet(PDF) 6 Page - ABB

Part # S201MB16
Description  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S201MB16 Datasheet(HTML) 6 Page - ABB

Back Button S201MB16 Datasheet HTML 2Page - ABB S201MB16 Datasheet HTML 3Page - ABB S201MB16 Datasheet HTML 4Page - ABB S201MB16 Datasheet HTML 5Page - ABB S201MB16 Datasheet HTML 6Page - ABB S201MB16 Datasheet HTML 7Page - ABB S201MB16 Datasheet HTML 8Page - ABB S201MB16 Datasheet HTML 9Page - ABB S201MB16 Datasheet HTML 10Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
33 distribution ABB Low Voltage Contractor 0312
2
C
S200M Series Type C - MCBs - BS EN 60898 10kA (BS EN60947-2 15kA<50A)
Suitable for cable protection and moderate switching surges for short duration. eg. discharge lamps.
Triple Pole
Product Hierarchy 2400004
Rating
Amps
kA
Part No
Order Code
Price £
1
10kA
S203MC1
2CDS273001R0014
49.45
2
10kA
S203MC2
2CDS273001R0024
48.97
3
10kA
S203MC3
2CDS273001R0034
48.97
4
10kA
S203MC4
2CDS273001R0044
48.08
6
10kA
S203MC6
2CDS273001R0064
46.64
10
10kA
S203MC10
2CDS273001R0104
43.74
13
10kA
S203MC13
2CDS273001R0134
43.74
16
10kA
S203MC16
2CDS273001R0164
43.74
20
10kA
S203MC20
2CDS273001R0204
43.74
25
10kA
S203MC25
2CDS273001R0254
43.74
32
10kA
S203MC32
2CDS273001R0324
43.74
40
10kA
S203MC40
2CDS273001R0404
46.64
50
10kA
S203MC50
2CDS273001R0504
48.97
63
10kA
S203MC63
2CDS273001R0634
49.45
S203M
Protecta - Type B Distribution Boards
Outgoing MCBs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com