Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAPUSB-B Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CAPUSB-B
Description  DUST CAP; USB TYPE "B" JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CAPUSB-B Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CAPUSB-B Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
MATERIAL: ABS, COLOR BLACK.
ROHS COMPLIANT
PACKAGING: 10 PIECES PER BAG.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
7.6
.30
R.02 0.4
"L-com" TO APPEAR ON BOTH
SIDES LOCATED AS SHOWN
.47 12
14
.55
8
.315
.72 18.3
11/24/2003
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CAPUSB-B
E
CAPUSB-B.SLDDRW
11
D.APRHAM
11/24/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
11/24/2003
12/30/08
E
ECN 3773: CN RELEASE, NEW FORMAT
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
DUST CAP; USB TYPE "B" JACK
USB
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
C.MCCORMICK
UNDIMENSIONED FEATURES
MAY OCCUR
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
3.20
6X R
0.5
.02
6.99
.275
5.97
.235
.126
R.01 0.3


Similar Part No. - CAPUSB-B

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CAPUSB-A L-COM-CAPUSB-A Datasheet
33Kb / 1P
DUST CAP; USB TYPE "A" JACK
11/24/2003
More results

Similar Description - CAPUSB-B

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-250021 CONEC-17-250021 Datasheet
474Kb / 1P
IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
logo
Winchester Electronics ...
SDKC-89-180 WINCHESTER-SDKC-89-180 Datasheet
72Kb / 1P
BNC DUST CAP
logo
CONEC Elektronische Bau...
17K1A139 CONEC-17K1A139 Datasheet
474Kb / 1P
IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
logo
FCI connector
61729-0010BLF FCI-CONNECTOR-61729-0010BLF Datasheet
155Kb / 2P
USB RECEPTACLE B TYPE
logo
Winchester Electronics ...
8784 WINCHESTER-8784 Datasheet
311Kb / 1P
Sma Dust Cap
878-4 WINCHESTER-878-4 Datasheet
311Kb / 1P
SMA DUST CAP
logo
Molex Electronics Ltd.
0734120060 MOLEX11-0734120060 Datasheet
35Kb / 1P
BNC Plug Dust Cap
logo
Pasternack Enterprises,...
PE6122 PASTERNACK-PE6122_16 Datasheet
428Kb / 3P
SMB Jack Non-Shorting Dust Cap With 2.5 Inch Chain
logo
Samtec, Inc
DCA-17-01 SAMTEC-DCA-17-01 Datasheet
301Kb / 3P
DUST CAP ASSEMBLY
logo
List of Unclassifed Man...
MP002443 ETC-MP002443 Datasheet
541Kb / 7P
USB Type C Sealed Connector, Cable Assembly and Dust Cap
08/12/20 V1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com