Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAPUSB-A Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CAPUSB-A
Description  DUST CAP; USB TYPE "A" JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CAPUSB-A Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CAPUSB-A Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R.06 1.5
4 PL.
RoHS Compliant 
F
"L-com" TO APPEAR ON BOTH
SIDES LOCATED AS SHOWN
10.2
.40
16.5
.65
.475 12.1
COLOR VARIATIONS
USB
5
UNDIMENSIONED FEATURES
REF
43321
E
DIMENSIONS ARE IN INCHES [mm]
11/29/11
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
PROJECTION
8
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
1
7
D.PARHAM
F
NORTH ANDOVER, MA
6
CAPUSB-A.SLDDRW
MAY OCCUR
CAPUSB-A
1
11/24/2003
REVISIONS
REV
F
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
11/24/2003
APPROVED
ECN 5020: .087 [2.20] WAS .083 [2.11]
DESCRIPTION
DATE
9/9/10
11/24/2003
R.CARRICK
D. CASTRO
ECN 5863: REVISE TO NEW LOGO
D.FRISIELLO
PRODUCT DESCRIPTION
DUST CAP; USB TYPE "A" JACK
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
CATEGORY
MAY VARY
FSCM NO.
NONE
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
R.02 [0.5]
4 PL.
.087 2.20
.437 11.10
.173 4.39
R.02 0.4
4 PL
NOTES:
1. MATERIAL: ABS, COLOR BLACK.
2. ROHS COMPLIANT.
3. PACKAGING: 10 PIECES PER BAG.
4. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
.30 7.6
.55 14


Similar Part No. - CAPUSB-A

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CAPUSB-B L-COM-CAPUSB-B Datasheet
30Kb / 1P
DUST CAP; USB TYPE "B" JACK
11/24/2003
More results

Similar Description - CAPUSB-A

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-250021 CONEC-17-250021 Datasheet
474Kb / 1P
IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
logo
Winchester Electronics ...
SDKC-89-180 WINCHESTER-SDKC-89-180 Datasheet
72Kb / 1P
BNC DUST CAP
logo
CONEC Elektronische Bau...
17K1A139 CONEC-17K1A139 Datasheet
474Kb / 1P
IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
logo
Winchester Electronics ...
8784 WINCHESTER-8784 Datasheet
311Kb / 1P
Sma Dust Cap
878-4 WINCHESTER-878-4 Datasheet
311Kb / 1P
SMA DUST CAP
logo
Molex Electronics Ltd.
0734120060 MOLEX11-0734120060 Datasheet
35Kb / 1P
BNC Plug Dust Cap
logo
Pasternack Enterprises,...
PE6122 PASTERNACK-PE6122_16 Datasheet
428Kb / 3P
SMB Jack Non-Shorting Dust Cap With 2.5 Inch Chain
logo
Samtec, Inc
DCA-17-01 SAMTEC-DCA-17-01 Datasheet
301Kb / 3P
DUST CAP ASSEMBLY
logo
Tripp Lite. All Rights ...
U325-000-IND TRIPPLITE-U325-000-IND Datasheet
167Kb / 3P
USB 3.0 Coupler, SuperSpeed, 3.0/3.1, Industrial - USB-A F/F, Shielded, IP67, Dust Cap, TAA
logo
List of Unclassifed Man...
MP002443 ETC-MP002443 Datasheet
541Kb / 7P
USB Type C Sealed Connector, Cable Assembly and Dust Cap
08/12/20 V1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com