Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74273 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74273
Description  OCTAL D TYPE FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74273 Datasheet(HTML) 2 Page - STMicroelectronics

  74273 Datasheet HTML 1Page - STMicroelectronics 74273 Datasheet HTML 2Page - STMicroelectronics 74273 Datasheet HTML 3Page - STMicroelectronics 74273 Datasheet HTML 4Page - STMicroelectronics 74273 Datasheet HTML 5Page - STMicroelectronics 74273 Datasheet HTML 6Page - STMicroelectronics 74273 Datasheet HTML 7Page - STMicroelectronics 74273 Datasheet HTML 8Page - STMicroelectronics 74273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TRUTH TABLE
INPUTS
OUTPUS
FUNCTION
CLEAR
CLOCK
D
Q
L
X
X
L
CLEAR
HL
L
HH
H
H
X
Qn
NO CHANGE
X: Don’t Care
LOGIC DIAGRAM
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
CLEAR
Master Reset Input
(Active LOW)
2, 5, 6, 9,
12, 15, 16,
19
Q0 to Q7
Flip Flop Outputs
3, 4, 7, 8,
13, 14, 17,
18
D0 to D7
Data Inputs
11
CLOCK
Clock Input (LOW to
HIGH, Edge Triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
M54/M74HC273
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com