Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRI64 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LRI64
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 28Page - STMicroelectronics LRI64 Datasheet HTML 29Page - STMicroelectronics LRI64 Datasheet HTML 30Page - STMicroelectronics LRI64 Datasheet HTML 31Page - STMicroelectronics LRI64 Datasheet HTML 32Page - STMicroelectronics LRI64 Datasheet HTML 33Page - STMicroelectronics LRI64 Datasheet HTML 34Page - STMicroelectronics LRI64 Datasheet HTML 35Page - STMicroelectronics LRI64 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Command codes
LRI64
32/52
18
Command codes
The LRI64 supports the command codes listed in Table 9.
18.1
Inventory
When receiving the Inventory request, the LRI64 performs the anticollision sequence. The
Inventory_flag is set to 1. The meanings of flags 5 to 8 is as described in Table 5.
The Request frame (Figure 22) contains:
●
Request flags (Table 3 and Table 5)
●
Inventory command code (01h, Table 9)
●
AFI, if the AFI flag is set
●
Mask length
●
Mask value
●
2-byte CRC (Figure 15)
In case of errors in the Inventory request frame, the LRI64 does not generate any answer.
The response frame (Figure 23) contains:
●
Response flags (Table 6)
●
DSFID
●
Unique ID
●
2-byte CRC (Figure 15)
Figure 22.
Inventory, request frame format
Figure 23.
Inventory, response frame format
Table 9.
Command codes
Command code
Function
01h
Inventory
02h
Stay Quiet
20h
Read Single Block
21h
Write Single Block
2Bh
Get System Info
AI09729
Request
SOF
Request
Flags
Command
Code
Optional
AFI
Mask Value
2-Byte
CRC
Request
EOF
8 bits
8 bits
01h
8 bits
0 to 8 bytes
16 bits
Mask
Length
8 bits
AI09730
Response
SOF
Response
Flags
DSFID
2-Byte
CRC
Response
EOF
8 bits
8 bits
16 bits
UID
64 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com