Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC155 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74HC155
Description  DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC155 Datasheet(HTML) 1 Page - STMicroelectronics

  74HC155 Datasheet HTML 1Page - STMicroelectronics 74HC155 Datasheet HTML 2Page - STMicroelectronics 74HC155 Datasheet HTML 3Page - STMicroelectronics 74HC155 Datasheet HTML 4Page - STMicroelectronics 74HC155 Datasheet HTML 5Page - STMicroelectronics 74HC155 Datasheet HTML 6Page - STMicroelectronics 74HC155 Datasheet HTML 7Page - STMicroelectronics 74HC155 Datasheet HTML 8Page - STMicroelectronics 74HC155 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC155
M74HC155
December 1992
DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
B1R
(Plastic Package)
ORDER CODES :
M54HC155F1R
M74HC155M1R
M74HC155B1R
M74HC155C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 12 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS155
The M54/74HC155 is a high speed CMOS DUAL 2-
TO-4 LINE DECODER fabricated in silicon gate
C
2MOS technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
It features dual 1-TO-4 line demultiplexers with indi-
vidual strobe inputs (1G and 2G), individual data in-
puts (1C and 2C) and common binary address
inputs (A and B).
When both decoders are enabled by the strobes, the
inverted output of 1C data and non-inverted output
of 2C data will be brought to the select output pins
of each sections. A 1-TO-8 line demultiplexer can
also be easily built up by providing a data signal to
both 1C and 2C inputs ; the output order from the
msb is 1Y3, 1Y2, 1Y1, 1Y0, 2Y3, 2Y2, 2Y1, 2Y0.
This device can be used as a 2-to-4 line decoder or
a 3-to-8 line decoder when 1C is held high and 2C
is held low.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/11


Similar Part No. - 74HC155

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
74HC155 HITACHI-74HC155 Datasheet
49Kb / 9P
Dual 2-to-4-line Decoders/Demultiplexers
More results

Similar Description - 74HC155

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
DUAL 2-TO-4 LINE DECODER
14-Oct-1999
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
DUAL 2 TO 4 LINE DECODER
17-May-2001
TC74HC155AP TOSHIBA-TC74HC155AP Datasheet
281Kb / 7P
DUAL 2-TO-4 LINE DECODER / DUAL 3-TO-8 LINE DECODER
17-May-2001
logo
National Semiconductor ...
MM54HCT139 NSC-MM54HCT139 Datasheet
115Kb / 4P
Dual 2-To-4 Line Decoder
logo
Toshiba Semiconductor
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
DUAL 2 - TO - 4 LINE DECODER
17-May-2001
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC74HCT139AP TOSHIBA-TC74HCT139AP_07 Datasheet
283Kb / 8P
Dual 2-to-4 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_08 Datasheet
227Kb / 9P
Dual 2-to-4 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com