| Electronic Components Datasheet Search |
|
AM261...ZEJQ1 Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJQ1 Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 218 page ![]() Table 5-28. EQEP1 Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EQEP1_STROBE IO EQEP Strobe B16, P18 B19, U19 C15, L13 R17 5.3.9 FSI Table 5-29. FSIRX0 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] FSIRX0_CLK I FSI Clock A10, T17 A12, W18 B10, P15 V17 FSIRX0_DATA0 I FSI Data 0 B10, U18 D10, Y19 A9, R16 W18 FSIRX0_DATA1 I FSI Data 1 D9, T18 C9, W19 C11, N14 V18 Table 5-30. FSITX0 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] FSITX0_CLK O FSI Clock A11, R17 A13, W20 A12, P16 A12, V19 FSITX0_DATA0 O FSI Data 0 C10, R18 B12, V19 A10, M14 B12, U17 FSITX0_DATA1 O FSI Data 1 B11, U17 C12, Y18 A11, P14 B11, W17 5.3.10 GPIO Table 5-31. GPIO Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] GPIO0 IO General Purpose Input/Output P1 U4 N3 R1 GPIO1 IO General Purpose Input/Output R3 T2 M3 R2 GPIO2 IO General Purpose Input/Output N2 M3 L2 M2 GPIO3 (1) IO General Purpose Input/Output (SOP0) N1 R2 M2 N2 GPIO4 (2) IO General Purpose Input/Output (SOP1) N4 R1 N1 N1 GPIO5 IO General Purpose Input/Output M4 T1 L3 P2 GPIO6 IO General Purpose Input/Output P3 U1 N2 P1 GPIO7 IO General Purpose Input/Output M1 P1 J3 K2 GPIO8 IO General Purpose Input/Output L1 P2 K1 L1 GPIO9 IO General Purpose Input/Output L2 N2 K2 J2 GPIO10 IO General Purpose Input/Output K1 N1 J2 K1 GPIO11 IO General Purpose Input/Output C11 B13 B11 C13 GPIO12 (5) IO General Purpose Input/Output (SOP2) A11 A13 A12 A12 GPIO13 (6) IO General Purpose Input/Output (SOP3) C10 B12 A10 B12 GPIO14 IO General Purpose Input/Output B11 C12 A11 B11 GPIO15 IO General Purpose Input/Output C9 D11 B9 GPIO16 IO General Purpose Input/Output A10 A12 B10 GPIO17 IO General Purpose Input/Output B10 D10 A9 GPIO18 IO General Purpose Input/Output D9 C9 C11 www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 61 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |