Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM261...ZEJ Datasheet(PDF) 74 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 74 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 70Page - Texas Instruments AM261...ZEJ Datasheet HTML 71Page - Texas Instruments AM261...ZEJ Datasheet HTML 72Page - Texas Instruments AM261...ZEJ Datasheet HTML 73Page - Texas Instruments AM261...ZEJ Datasheet HTML 74Page - Texas Instruments AM261...ZEJ Datasheet HTML 75Page - Texas Instruments AM261...ZEJ Datasheet HTML 76Page - Texas Instruments AM261...ZEJ Datasheet HTML 77Page - Texas Instruments AM261...ZEJ Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 218 page
background image
Table 5-46. PRU-ICSS GPIO Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
PR1_PRU0_GPIO5
IO
PRU0 General Purpose Input/Output
B2
B3
A4
B5
PR1_PRU0_GPIO6
IO
PRU0 General Purpose Input/Output
D3
A2
B4
A5
PR1_PRU0_GPIO7
IO
PRU0 General Purpose Input/Output
B16, B7, C1
B19, B2, D8
A2, A7, C15
A9, B4
PR1_PRU0_GPIO8
IO
PRU0 General Purpose Input/Output
B1
C3
A5
A6
PR1_PRU0_GPIO9
IO
PRU0 General Purpose Input/Output
A11, B4, F17,
K3
A13, A5, J19,
M2
A12, E15, G1
A12, J1
PR1_PRU0_GPIO10
IO
PRU0 General Purpose Input/Output
A16, B5
A19, B6
C16
PR1_PRU0_GPIO11
IO
PRU0 General Purpose Input/Output
E3
C2
C4
B2
PR1_PRU0_GPIO12
IO
PRU0 General Purpose Input/Output
D1
D2
B1
B1
PR1_PRU0_GPIO13
IO
PRU0 General Purpose Input/Output
E4
D1
C1
B3
PR1_PRU0_GPIO14
IO
PRU0 General Purpose Input/Output
F2
E2
C2
C2
PR1_PRU0_GPIO15
IO
PRU0 General Purpose Input/Output
E2
C1
B2
A2
PR1_PRU0_GPIO16
IO
PRU0 General Purpose Input/Output
C1
B2
A2
B4
PR1_PRU0_GPIO17
IO
PRU0 General Purpose Input/Output
C7, D7
B9, C7
B7, C8
C9
PR1_PRU0_GPIO18
IO
PRU0 General Purpose Input/Output
C8
A9
A8
PR1_PRU0_GPIO19
IO
PRU0 General Purpose Input/Output
A14
B16
C13
A15
PR1_PRU0_GPIO20
IO
PRU1 General Purpose Input/Output
C12
C14
C12
A14
PR1_PRU1_GPIO0
IO
PRU1 General Purpose Input/Output
V17
W16
R14
V15
PR1_PRU1_GPIO1
IO
PRU1 General Purpose Input/Output
T16
Y16
T14
W15
PR1_PRU1_GPIO2
IO
PRU1 General Purpose Input/Output
P15
W17
T15
W16
PR1_PRU1_GPIO3
IO
PRU1 General Purpose Input/Output
A10, F1
A12, G1
B10, D1
D1
PR1_PRU1_GPIO4
IO
PRU1 General Purpose Input/Output
C9, F4
D11, G2
B9, D2
D2
PR1_PRU1_GPIO5
IO
PRU1 General Purpose Input/Output
G2
E1
D3
C1
PR1_PRU1_GPIO6
IO
PRU1 General Purpose Input/Output
A9, F3
A11, F1
C10, F4
A11, E2
PR1_PRU1_GPIO7
IO
PRU1 General Purpose Input/Output
D11
D15
B13
B14
PR1_PRU1_GPIO8
IO
PRU1 General Purpose Input/Output
B9, E1
B11, F2
D8, E3
B10, E3
PR1_PRU1_GPIO9
IO
PRU1 General Purpose Input/Output
R16
Y17
R15
V16
PR1_PRU1_GPIO10
IO
PRU1 General Purpose Input/Output
D14
C16
A15
PR1_PRU1_GPIO11
IO
PRU1 General Purpose Input/Output
N1
R2
M2
N2
PR1_PRU1_GPIO12
IO
PRU1 General Purpose Input/Output
N4
R1
N1
N1
PR1_PRU1_GPIO13
IO
PRU1 General Purpose Input/Output
D13
B17
C14
PR1_PRU1_GPIO14
IO
PRU1 General Purpose Input/Output
A15
B18
B15
PR1_PRU1_GPIO15
IO
PRU1 General Purpose Input/Output
D9, H2
C9, H1
C11, E1
F1
PR1_PRU1_GPIO16
IO
PRU1 General Purpose Input/Output
B10, G3
D10, H2
A9, E2
E1
PR1_PRU1_GPIO17
IO
PRU1 General Purpose Input/Output
C14
D17
B14
PR1_PRU1_GPIO18
IO
PRU1 General Purpose Input/Output
B14
A16
D13
B15
PR1_PRU1_GPIO19
IO
PRU1 General Purpose Input/Output
C7
C7
C8
C9
Table 5-47. PRU-ICSS IEP Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
PR0_IEP0_EDC_SYNC_OU
T0
O
PRU-ICSS Industrial Ethernet
Distributed Clock Sync Output
D15
C18
B16
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
74
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com