Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP7SL012 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RP7SL012
Description  Special Load PCB Relay RP 3 SL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RP7SL012 Datasheet(HTML) 2 Page - Tyco Electronics

  RP7SL012 Datasheet HTML 1Page - Tyco Electronics RP7SL012 Datasheet HTML 2Page - Tyco Electronics RP7SL012 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Special Load PCB Relay RP 3 SL (Continued)
Circuit scheme for bistable 1 coil
PCB layout / terminal assignment
Bottom view on solder pins
Bistable versions:
Indicated contact position during or after coil
energization with reset voltage.
2-coil versions:
Operate A2, A3
Reset A1, A3
b) for 2 coil version only
S0163-CR
S0163-CS
Coil data, bistable coils
1 coil
2 coils
Rated coil voltage range
5...24 VDC
Coil power
typ 1,25 W
Operative range
1
Reset voltage minimum / maximum, % of Urtd
70% / 110%
75% / 120%
Minimum energization duration
20 ms
Maximum energization duration
1 min at < 50% DF
Coil versions, bistable DC-coil
Coil
Rated
Operate
Reset
Reset
Coil
Rated coil
code
voltage
voltage
voltage
R1
resistance
power
VDC
VDC
VDC
c /W
c
mW
bistable, 1 coil
A05
5
3.7
3.6
39/0.5
21+10%
1190
A12
12
9.0
8.7
220/0.5
115+10%
1252
A24
24
18.0
16.7
820/0.5
460+10%
1252
bistable, 2 coils
F12
12
9.0
9.0
105+15%
1371
F24
24
18.0
18.0
460+15%
1252
All figures are given for coil without preenergization, at ambient temperature +23°C, duty
factor 20%. Other coil voltages on request
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
2000 Vrms
Clearance / creepage coil-contact circuit
W 8 / 8 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0404
Flammability class according to UL94
V-2
Ambient temperature range RTII - flux proof
-40...+70°C
RTIII - wash tight
-40...+35°C
Operate- / release time DC coil
typ 8 / 2 ms
Operate- / reset time bistable coils
typ 6 / 2 ms
Bounce time
typ 2 ms
Vibration resistance (function), opening of closed contact
20 g
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof, RTIII - wash tight
Mounting
pcb or on socket
Mounting distance 12A / 16A
0 / 3 mm
Resistance to soldering heat flux proof version
270 °C / 10 s
wash tight version
260°C / 5 s
Relay weight
18 g
Packaging unit monostable, bistable 1 coil
20 / 500 pcs
bistable 2 coils
100 pcs
Accessories
For monostable and bistable 1 coil version, details see
accessories RT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com