Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS73233DBVT
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73233DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS73233DBVT Datasheet HTML 1Page - Texas Instruments TPS73233DBVT Datasheet HTML 2Page - Texas Instruments TPS73233DBVT Datasheet HTML 3Page - Texas Instruments TPS73233DBVT Datasheet HTML 4Page - Texas Instruments TPS73233DBVT Datasheet HTML 5Page - Texas Instruments TPS73233DBVT Datasheet HTML 6Page - Texas Instruments TPS73233DBVT Datasheet HTML 7Page - Texas Instruments TPS73233DBVT Datasheet HTML 8Page - Texas Instruments TPS73233DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5.4 Thermal Information (continued)
THERMAL METRIC(1)
TPS732 New silicon
UNIT
DRB (VSON)
DCQ
(SOT-223)
DBV (SOT-23)
8 PINS
6 PINS
5 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.8
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Thermal Information
THERMAL METRIC(1) (2)
TPS732 Legacy silicon(3)
UNIT
DRB (VSON)
DCQ
(SOT-223)
DBV (SOT-23)
8 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
58.3
53.1
205.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.8
35.2
119
°C/W
RθJB
Junction-to-board thermal resistance
72.8
7.8
35.4
°C/W
ψJT
Junction-to-top characterization parameter
2.7
2.9
12.7
°C/W
ψJB
Junction-to-board characterization parameter
25
7.7
34.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
Thermal data for the DRB, DCQ, and DBV packages are derived by thermal simulations based on JEDEC-standard methodology
as specified in the JESD51 series. The following assumptions are used in the simulations:
a.
i.
DRB: The exposed pad is connected to the PCB ground layer through a 2×2 thermal via array.
ii.
DCQ: The exposed pad is connected to the PCB ground layer through a 3×2 thermal via array.
iii.
DBV: There is no exposed pad with the DBV package.
b.
i.
DRB: The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20%
copper coverage.
ii.
DCQ: Each of top and bottom copper layers has a dedicated pattern for 20% copper coverage.
iii.
DBV: The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20%
copper coverage.
c.
These data are generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3in × 3in copper area.
To understand the effects of the copper area on thermal performance, see the Power Dissipation section of this datasheet.
5.6 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5V(1) , IOUT = 10mA, VEN = 1.7V, and COUT =
0.1μF (unless otherwise noted). Typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
1.7
5.5
V
VFB
Internal reference
(TPS73201)
TJ = 25°C
1.198
1.204
1.210
V
VOUT
Output voltage range
(TPS73201) (2)
VFB
5.5 -
VDO
V
Accuracy(1) (3)
Nominal
TJ = 25°C
–0.5
0.5
%
VIN, IOUT, and T
VOUT + 0.5V ≤ VIN ≤
5.5V; 10mA ≤ IOUT ≤
250mA
–1
±0.5
1
www.ti.com
TPS732
SBVS037S – AUGUST 2003 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com