Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D00766. Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D00766.
Description  Soldering and Desoldering Irons and Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D00766. Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D00766. Datasheet HTML 1Page - Premier Farnell Limited. D00766. Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
08/10/20
Soldering and Desoldering
Irons and Accessories
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
D00755
D00756
D00757
D00758
D00759 and D00760
D00768
D00765, D00766 & D00767
Parameters / Part Number
D00755
D00756
Product Type
Spare Soldering Iron
Spare Desoldering Gun
Used for
D00671, D00673 & D00674
D00672 & D00674
Power
60W (Heat up rating 130W)
80W (Heat up rating 130W)
Voltage
24 V
Parameters /
Part Number
D00757 D00758 D00759 D00760
D00768
D00765 D00766 D00767
Product Type
Spare Heater
Spare Filter
Clearing tool
Conical Desoldering Tip
Used for
D00755 D00756 D00672 & D00674
D00756


Similar Part No. - D00766.

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D00761 DURATOOL-D00761 Datasheet
170Kb / 1P
Soldering Tips
19/06/12 V1.1
D00762 DURATOOL-D00762 Datasheet
170Kb / 1P
Soldering Tips
19/06/12 V1.1
D00763 DURATOOL-D00763 Datasheet
170Kb / 1P
Soldering Tips
19/06/12 V1.1
D00764 DURATOOL-D00764 Datasheet
170Kb / 1P
Soldering Tips
19/06/12 V1.1
D00769 DURATOOL-D00769 Datasheet
104Kb / 1P
Portable Vacuum Pick-Up Tool
18/10/12 V1.0
More results

Similar Description - D00766.

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN3025 MA-COM-AN3025 Datasheet
34Kb / 2P
Transistor Mounting and Soldering
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
logo
EPCOS
B65888C1512T1 EPCOS-B65888C1512T1 Datasheet
232Kb / 9P
Ferrites and accessories
B64290L40X830 EPCOS-B64290L40X830 Datasheet
94Kb / 6P
Ferrites and accessories
B65513J0000R049 EPCOS-B65513J0000R049_13 Datasheet
207Kb / 7P
Ferrites and accessories
logo
List of Unclassifed Man...
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
OKI electronic componet...
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
Soldering and Rework System
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
17502 AVEN-17502 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 7pc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com