Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC00 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC00
Description  QUAD 2-INPUT NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC00 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC00 Datasheet HTML 1Page - STMicroelectronics M54HC00 Datasheet HTML 2Page - STMicroelectronics M54HC00 Datasheet HTML 3Page - STMicroelectronics M54HC00 Datasheet HTML 4Page - STMicroelectronics M54HC00 Datasheet HTML 5Page - STMicroelectronics M54HC00 Datasheet HTML 6Page - STMicroelectronics M54HC00 Datasheet HTML 7Page - STMicroelectronics M54HC00 Datasheet HTML 8Page - STMicroelectronics M54HC00 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC00
M74HC00
December 1992
QUAD 2-INPUT NAND GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC00F1R
M74HC00M1R
M74HC00B1R
M74HC00C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 6 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUTS DRIVE CAPABILITY
10 LSTTL LOADS
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS00
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
The M54/74HC00 is a high speed CMOS QUAD 2-
INPUT NAND GATE fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption. The internal circuit is com-
posed of 3 stages including buffer output, which en-
ables high noise immunity and stable output. All
inputs are equipped with protection circuits against
static discharge and transient excess voltage.
DESCRIPTION
1/9


Similar Part No. - M54HC00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC00 STMICROELECTRONICS-M54HC00 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT NAND GATE
Mar-2004
M54HC00 STMICROELECTRONICS-M54HC00 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC00D STMICROELECTRONICS-M54HC00D Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT NAND GATE
Mar-2004
M54HC00D STMICROELECTRONICS-M54HC00D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC00D1 STMICROELECTRONICS-M54HC00D1 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT NAND GATE
Mar-2004
More results

Similar Description - M54HC00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com