Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MREL-01 Datasheet(PDF) 21 Page - ABB

Part # MREL-01
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MREL-01 Datasheet(HTML) 21 Page - ABB

Back Button MREL-01 Datasheet HTML 17Page - ABB MREL-01 Datasheet HTML 18Page - ABB MREL-01 Datasheet HTML 19Page - ABB MREL-01 Datasheet HTML 20Page - ABB MREL-01 Datasheet HTML 21Page - ABB MREL-01 Datasheet HTML 22Page - ABB MREL-01 Datasheet HTML 23Page - ABB MREL-01 Datasheet HTML 24Page - ABB MREL-01 Datasheet HTML 25Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Catalog | ABB general purpose drives ACS310 21
Options
External
A separate order line and type designation is required for
any of these external options.
Input chokes
An input choke smoothens the wave shape of mains current
and reduces total harmonic distortion (THD). Together
with the input choke, the ACS310 is designed to fulfill the
requirements of the harmonics standard EN/IEC 61000-3-12.
In addition, the input choke provides improved protection
against mains voltage transients.
Output chokes
An output choke decreases du/dt on the output and filters
current spikes caused by voltage spikes. With an output
choke it is possible to increase the motor cable length
which could be otherwise limited due to a temperature
increase resulting from current spikes and electromagnetic
performance.
Type
designation
ACS310-
Frame
size
Output choke
Cable length
[m]
1-phase AC supply, 200 to 240 V
01X-02A4-2
R0
ACS-CHK-B3
60
01X-04A7-2
R1
ACS-CHK-B3
100
01X-06A7-2
R1
ACS-CHK-C3
100
01X-07A5-2
R2
ACS-CHK-C3
100
01X-09A8-2
R2
ACS-CHK-C3
100
3-phase AC supply, 200 to 240 V
03X-02A6-2
R0
ACS-CHK-B3
60
03X-03A9-2
R0
ACS-CHK-B3
60
03X-05A2-2
R1
ACS-CHK-B3
100
03X-07A4-2
R1
ACS-CHK-C3
100
03X-08A3-2
R1
ACS-CHK-C3
100
03X-10A8-2
R2
ACS-CHK-C3
100
03X-14A6-2
R2
NOCH-0016-6x
100
03X-19A4-2
R2
NOCH-0016-6x
100
03X-26A8-2
R3
NOCH-0030-6x
100
03X-34A1-2
R4
NOCH-0030-6x
100
03X-50A8-2
R4
NOCH-0070-6x
100
3-phase AC supply, 380 to 480 V
03X-01A3-4
R0
ACS-CHK-B3
60
03X-02A1-4
R0
ACS-CHK-B3
60
03X-02A6-4
R1
ACS-CHK-B3
100
03X-03A6-4
R1
ACS-CHK-B3
100
03X-04A5-4
R1
ACS-CHK-C3
100
03X-06A2-4
R1
ACS-CHK-C3
100
03X-08A0-4
R1
NOCH-0016-6x
100
03X-09A7-4
R1
NOCH-0016-6x
100
03X-13A8-4
R3
NOCH-0016-6x
100
03X-17A2-4
R3
NOCH-0016-6x
100
03X-25A4-4
R3
NOCH-0030-6x
100
03X-34A1-4
R4
NOCH-0030-6x
100
03X-41A8-4
R4
NOCH-0030-6x
100
03X-48A4-4
R4
NOCH-0070-6x
100
Type
designation
ACS310-
Frame
size
Input
choke
I
1N
without
choke
[A]
I
1N
with
choke 1)
[A]
I
TH
[A]
L
[mH]
1-phase AC supply, 200 to 240 V
01X-02A4-2
R0
CHK-A1
6.1
4.5
5
8.0
01X-04A7-2
R1
CHK-B1
11.4
8.1
10
2.8
01X-06A7-2
R1
CHK-C1
16.1
11
16
1.2
01X-07A5-2
R2
CHK-C1
16.8
12
16
1.2
01X-09A8-2
R2
CHK-D1
21
15
25
1.0
3-phase AC supply, 200 to 240 V
03X-02A6-2
R0
CHK-01
4.7
2.6
4.2
6.4
03X-03A9-2
R0
CHK-02
6.7
3.5
7.6
4.6
03X-05A2-2
R1
CHK-03
8.4
4.2
13
2.7
03X-07A4-2
R1
CHK-03
13
6.1
13
2.7
03X-08A3-2
R1
CHK-04
13.2
6.9
22
1.5
03X-10A8-2
R2
CHK-04
15.7
9.2
22
1.5
03X-14A6-2
R2
CHK-04
23.9
13
22
1.5
03X-19A4-2
R2
CHK-04
27.3
13.3
22
1.5
03X-26A8-2
R3
CHK-06
45
20.9
47
0.7
03X-34A1-2
R4
CHK-06
55
26.2
47
0.7
03X-50A8-2
R4
CHK-06
76
41
47
0.7
3-phase AC supply, 380 to 480 V
03X-01A3-4
R0
CHK-01
2.4
1.3
4.2
6.4
03X-02A1-4
R0
CHK-01
4.9
2
4.2
6.4
03X-02A6-4
R1
CHK-01
4.5
2.5
4.2
6.4
03X-03A6-4
R1
CHK-01
6.6
3.5
4.2
6.4
03X-04A5-4
R1
CHK-02
7.6
3.8
7.6
4.6
03X-06A2-4
R1
CHK-02
10.6
5.3
7.6
4.6
03X-08A0-4
R1
CHK-02
12.8
6.8
7.6
4.6
03X-09A7-4
R1
CHK-03
15
8.6
13
2.7
03X-13A8-4
R3
CHK-03
20.7
12.3
13
2.7
03X-17A2-4
R3
CHK-04
24.3
12.6
22
1.5
03X-25A4-4
R3
CHK-04
34
19.5
22
1.5
03X-34A1-4
R4
CHK-05
57
27.2
33
1.1
03X-41A8-4
R4
CHK-06
67
35.2
47
0.7
03X-48A4-4
R4
CHK-06
74
42
47
0.7
1)
Values at 50 Hz/230 V and at 50 Hz/400 V power supplies
I1N = Nominal input current
I
TH = Nominal choke thermal current
L = Choke inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com