Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29F200 Datasheet(PDF) 16 Page - STMicroelectronics

Part # 29F200
Description  2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F200 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button 29F200 Datasheet HTML 12Page - STMicroelectronics 29F200 Datasheet HTML 13Page - STMicroelectronics 29F200 Datasheet HTML 14Page - STMicroelectronics 29F200 Datasheet HTML 15Page - STMicroelectronics 29F200 Datasheet HTML 16Page - STMicroelectronics 29F200 Datasheet HTML 17Page - STMicroelectronics 29F200 Datasheet HTML 18Page - STMicroelectronics 29F200 Datasheet HTML 19Page - STMicroelectronics 29F200 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
M29F200BT, M29F200BB
16/22
Table 13. Write AC Characteristics, Chip Enable Controlled
(TA = 0 to 70 °C, –40 to 85 °C or –40 to 125 °C)
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
M29F200B
Unit
45
55
70 / 90
tAVAV
tWC
Address Valid to Next Address Valid
Min
45
55
70
ns
tWLEL
tWS
Write Enable Low to Chip Enable Low
Min
0
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
40
40
45
ns
tDVEH
tDS
Input Valid to Chip Enable High
Min
25
25
30
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
0
0
ns
tEHWH
tWH
Chip Enable High to Write Enable High
Min
0
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
Min
20
20
20
ns
tAVEL
tAS
Address Valid to Chip Enable Low
Min
0
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
Min
40
40
45
ns
tGHEL
Output Enable High Chip Enable Low
Min
0
0
0
ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
Min
0
0
0
ns
tEHRL
(1)
tBUSY
Program/Erase Valid to RB Low
Max
30
30
30
ns
tVCHWL
tVCS
VCC High to Write Enable Low
Min
50
50
50
µs
Figure 9. Write AC Waveforms, Chip Enable Controlled
AI01992
E
G
W
A0-A16/
A–1
DQ0-DQ7/
DQ8-DQ15
VALID
VALID
VCC
tVCHWL
tEHWH
tEHEL
tWLEL
tAVEL
tEHGL
tELAX
tEHDX
tAVAV
tDVEH
tELEH
tGHEL
RB
tEHRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com