Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T59 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T59
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T59 Datasheet HTML 9Page - STMicroelectronics M48T59 Datasheet HTML 10Page - STMicroelectronics M48T59 Datasheet HTML 11Page - STMicroelectronics M48T59 Datasheet HTML 12Page - STMicroelectronics M48T59 Datasheet HTML 13Page - STMicroelectronics M48T59 Datasheet HTML 14Page - STMicroelectronics M48T59 Datasheet HTML 15Page - STMicroelectronics M48T59 Datasheet HTML 16Page - STMicroelectronics M48T59 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
M48T59, M48T59Y, M48T59V
Note: User must transition address (or toggle chip
enable) to see Flag bit change.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT1-RPT4, AF (Alarm Flag) is set. If AFE
(Alarm Flag Enable) is also set, the alarm condi-
tion activates the IRQ/FT pin. To disable alarm,
write ‘0’ to the Alarm Date register and RPT1-4.
The alarm flag and the IRQ/FT output are cleared
by a read to the Flags register.
The IRQ/FT pin can also be activated in the bat-
tery back-up mode. The IRQ/FT will go low if an
alarm occurs and both ABE (Alarm in Battery
Back-up Mode Enable) and AFE are set. The ABE
and AFE bits are reset during power-up, therefore
an alarm generated during power-up will only set
AF. The user can read the Flag Register at system
boot-up to determine if an alarm was generated
while the M48T59 was in the deselect mode during
power-up. Figure 12 illustrates the back-up mode
alarm timing.
WATCHDOG TIMER
The watchdog timer can be used to detect an out-
of-control microprocessor. The user programs the
watchdog timer by setting the desired amount of
time-out into the eight bit Watchdog Register (Ad-
dress 1FF7h). The five bits (BMB4-BMB0) store a
binary multiplier and the two lower order bits (RB1-
RB0) select the resolution, where 00 = 1/16 sec-
ond, 01 = 1/4 second, 10 = 1 second, and 11 = 4
seconds. The amount of time-out is then deter-
mined to be the multiplication of the five bit multi-
plier value with the resolution. (For example:
writing 00001110 in the Watchdog Register = 3 x 1
or 3 seconds).
Note: Accuracy of timer is within ± the selected
resolution.
If the processor does not reset the timer within the
specified period, the M48T59 sets the WDF
(Watchdog Flag) and generates a watchdog inter-
rupt or a microprocessor reset.
WDF is reset by reading the Flags Register (Ad-
dress 1FFOh).
Figure 12. Back-up Mode Alarm Waveforms
AI03254B
VCC
IRQ/FT
tREC
VPFD (max)
VPFD (min)
ABE, AFE bit in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com