| Electronic Components Datasheet Search |
|
CWA-BASIC-R Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CWA-BASIC-R Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 8 page ![]() 5 www.nxp.com/CodeWarrior CodeWarrior SUITES MPC7xx, MPC7xxx, MPC8xx, MPC8xxx, P1020, P1021, P1022, and P2020 Bare Board B4xxx, BSC913x, C29x, MPC8xxx, P10xx, P20xx, P3041, P40xx, T4xxx MSC8144, MSC812x, MSC811x, MSC71xx MSC815x, MSC825x, B4xxx, G4xxx, BSC913x Classic Eclipse Classic Eclipse CodeWarrior Development Studio for Power Architecture, Professional Edition (Classic, Windows) CodeWarrior for Power Architecture, Professional Edition (Eclipse, Windows) CodeWarrior Development Studio for StarCore® (Classic, Windows) CodeWarrior for StarCore, Professional Edition (Eclipse, Windows) X X Full-featured, 30-day evaluation copies can be downloaded or ordered from www.nxp.com (Evaluation Part Number: CWX-PPC-CMWFL-EX) X X Full-featured, 30-day evaluation copies can be downloaded or ordered from www.nxp.com (Evaluation Part Numbers: CWX-PA-PRO-EX) X X Full-featured, 30-day evaluation copies can be downloaded or ordered from www.nxp.com (Evaluation Part Numbers: CWX-STC-WIN-EX) X X Full-featured, 30-day evaluation copies can be downloaded or ordered from www.nxp.com (Evaluation Part Numbers: CWX-SC-PRO-EX) CodeWarrior Development Studio for Power Architecture, flash loader only (Classic,Windows) CodeWarrior Development Studio for Power Architecture, Basic Edition (Eclipse, Linux/ Windows) – – X X CodeWarrior IDE X X Use CodeWarrior TAP to program Flash on supported devices X X Hardware diagnostics to perform memory, address and bus noise testing X X Eclipse IDE X X Flash programmer X X Hardware diagnostics X X Linux application debug X X Integrated GCC build tools/project management X X Works with CodeWarrior TAP and Gigabit TAP run control probes – – CodeWarrior Development Studio for Power Architecture, Debug Only Edition (Classic, Windows) CodeWarrior Development Studio for Power Architecture, Standard Edition (Eclipse,Linux/Windows) CodeWarrior Development Studio for StarCore, Professional Edition (Classic, Windows) CodeWarrior for StarCore, Professional Edition (Eclipse, Windows) X X Classic IDE X X Use CodeWarriorTAP to program Flash on supported devices X X Bare-board multicore debug (no build tools) X X U-boot (and other boot loaders) debug support X X Integrated hardware diagnostics for board level testing X X Integrated source code navigation X X Stack crawl and local variables view X X Hardware and software breakpoints X X For Kernel-level debugging, CodeWarrior Development Studio Linux Platform Edition is required. X X Eclipse IDE X X Flash programmer X X Hardware diagnostics X X Linux application debug X X Bare-board multicore debug X X Integrated GCC build tools/project management X X Works with CodeWarrior TAP and Gigabit TAP run control probes X X Classic IDE X X C/C++ optimizing compiler X X Assembler, linker, ELF utilities X X Multicore and multidevice debugger X X Works with CodeWarrior TAP run control probes X X Profiler/performance analysis X X Functional and cycle-accurate simulators X X SmartDSP OS royalty-free real-time operating system X X Eclipse IDE X X C/C++ optimizing compiler X X Assembler, linker, ELF utilities X X Multicore and multi-device debugger X X Works with CodeWarriorTAP run control probes X X Profiler/performance analysis X X Functional and cycle accurate simulators X X SmartDSP OS royalty-free real-time operating system CodeWarrior Development Studio for Power Architecture, Professional Edition (Classic, Windows) CodeWarrior for Power Architecture, Professional Edition (Eclipse, Linux/ Windows) CodeWarrior Development Studio for StarCore, Professional Edition (Classic, Windows) CodeWarrior for StarCore, Professional Edition (Eclipse, Windows) X X CodeWarrior IDE X X Use CodeWarriorTAP to program flash on supported devices X X Bare-board multicore debug X X U-boot (and other boot loaders) debug support X X Highly efficient C/C++ compiler with cutting-edge optimization technology for fast, compact code X X Browser support in the debugger X X Integrated hardware diagnostics for board level testing X X Integrated source code navigation X X Source files can be modified while debugging X X Stack crawl and local variables view X X Hardware and software breakpoints X X Eclipse IDE X X Flash programmer X X Hardware diagnostics X X Linux application debug X X Bare-board multicore debug X X Integrated GCC build tools/project management X X Linux kernel debug X X CodeWarrior build tools X X Trace (bare metal, selected cores only) X X Performance analysis (selected cores only) X X Works with CodeWarriorTAP and Gigabit TAP run control probes This product is included in the Standard Suite. See Standard Suite for product details. This product is included in the Standard Suite. See Standard Suite for product details. Q2 2016 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |