Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T128 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T128
Description  3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T128 Datasheet HTML 14Page - STMicroelectronics M48T128 Datasheet HTML 15Page - STMicroelectronics M48T128 Datasheet HTML 16Page - STMicroelectronics M48T128 Datasheet HTML 17Page - STMicroelectronics M48T128 Datasheet HTML 18Page - STMicroelectronics M48T128 Datasheet HTML 19Page - STMicroelectronics M48T128 Datasheet HTML 20Page - STMicroelectronics M48T128 Datasheet HTML 21Page - STMicroelectronics M48T128 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
M48T128Y, M48T128V*
REVISION HISTORY
Table 14. Document Revision History
Date
Version
Revision Details
June 1998
1.0
First Issue
01/31/00
1.1
Calibrating The Clock Paragraph changed
03/30/00
1.2
Storage Temperature changed (Table 6)
07/20/01
2.0
Reformatted; temperature information added to tables (Table 8, 9, 3, 4, 10, 11)
09/21/01
2.1
Corrected speed grade in ordering information
05/23/02
2.2
Add countries to disclaimer; add marketing status
08/07/02
2.3
Refine marketing status text
28-Mar-03
3.0
v2.2 template applied; test condition updated (Table 11)
06-Aug-04
4.0
Reformatted; updated Register Map (Table 5)
22-Feb-05
5.0
IR reflow update (Table 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com