Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI017N06PQ Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # DI017N06PQ
Description  N-Channel Power MOSFET N-Kanal Leistungs-MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DI017N06PQ Datasheet(HTML) 2 Page - Diotec Semiconductor

  DI017N06PQ Datasheet HTML 1Page - Diotec Semiconductor DI017N06PQ Datasheet HTML 2Page - Diotec Semiconductor DI017N06PQ Datasheet HTML 3Page - Diotec Semiconductor DI017N06PQ Datasheet HTML 4Page - Diotec Semiconductor DI017N06PQ Datasheet HTML 5Page - Diotec Semiconductor DI017N06PQ Datasheet HTML 6Page - Diotec Semiconductor DI017N06PQ Datasheet HTML 7Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DI017N06PQ
Characteristics (static)
Kennwerte (statisch)
Tj = 25°C
Min.
Typ.
Max.
Drain-Source breakdown voltage – Drain-Source-Durchbruchspannung
ID = 10 mA
VGS = 0 V (short)
V(BR)DSS
60 V
–
–
Drain-Source leakage current – Drain-Source Leckstrom
VDS = 0.8 VDSS
VGS = 0 V (short)
IDSS
–
–
1 µA
Gate-Body leakage current – Gate-Substrat Leckstrom
VGS = ±20 V
VDS = 0 V (short)
IGSS
–
–
± 100 nA
Gate-Source threshold voltage – Gate-Source Schwellspannung
VGS = VDS
ID = 250 µA
VGS(th)
1.2 V
–
2.5 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
VGS = 10 V
ID = 15 A
VGS = 4.5 V
ID = 10 A
RDS(on)
–
28 mΩ
–
33 mΩ
39 mΩ
Characteristics (dynamic)
Kennwerte (dynamisch)
Tj = 25°C
Min.
Typ.
Max.
Forward Transconductance – Übertragungssteilheit
VDS = 5 V
ID = 15 A
gFS
–
18 S
–
Input Capacitance – Eingangskapazität
VDS = 30 V
VGS = 0 V
f = 1 MHz
Ciss
–
1260 pF
–
Output Capacitance – Ausgangskapazität
VDS = 30 V
VGS = 0 V
f = 1 MHz
Coss
–
47 pF
–
Reverse Transfer Capacitance – Rückwirkungskapazität
VDS = 30 V
VGS = 0 V
f = 1 MHz
Crss
–
43 pF
–
Turn-On Delay & Rise Time – Einschaltverzögerung und Anstiegszeit
VDD = 30 V ID = 15 A
VGS = 10 V
RG = 3.3 Ω
(Fig. 1)
td(on)
tr
–
11 ns
27 ns
–
Turn-Off Delay & Fall Time – Ausschaltverzögerung und Abfallzeit
VDD = 30 V ID = 15 A
VGS = 0 V
RG = 3.3 Ω
(Fig. 1)
td(off)
tf
–
10 ns
2 ns
–
Total Gate Charge – Gesamte Gate-Ladung
VDD = 30 V ID = 15 A
VGS = 10 V
Qg
–
19 nC
–
Gate-Source Charge – Gate-Source-Ladung
VDD = 30 V ID = 15 A
VGS = 10 V
Qgs
–
4.3 nC
–
Gate-Drain Charge – Gate-Drain-Ladung
VDD = 30 V ID = 15 A
VGS = 10 V
Qgd
–
2.6 nC
–
Intrinsic Gate resistance – Innerer Gatewiderstand
f = 1 Mhz
D open
RGi
–
0.8 Ω
–
2
http://www.diotec.com/
©
t
d(on)
V
GS
90%
10%
V
DS
t
r
t
d(off)
t
f
Fig. 1
Test circuit for switching
times (R) and avalanche
energy (L)
(“rise“ and “fall“ refer to I )
D
Testaufbau für Schaltzeiten (R)
und Avalanche-Energie (L)
(“rise“ und “fall“ beziehen sich auf I
D)
V
GS
R
G
R
V
DS
V
DD
I
D
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com