Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF60CPT Datasheet(PDF) 22 Page - STMicroelectronics

Part # LF60CPT
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF60CPT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LF60CPT Datasheet HTML 18Page - STMicroelectronics LF60CPT Datasheet HTML 19Page - STMicroelectronics LF60CPT Datasheet HTML 20Page - STMicroelectronics LF60CPT Datasheet HTML 21Page - STMicroelectronics LF60CPT Datasheet HTML 22Page - STMicroelectronics LF60CPT Datasheet HTML 23Page - STMicroelectronics LF60CPT Datasheet HTML 24Page - STMicroelectronics LF60CPT Datasheet HTML 25Page - STMicroelectronics LF60CPT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ELECTRICAL CHARACTERISTICS FOR LF120AB (refer to the test circuits, Tj =25
oC,
Ci = 0.1
µF, Co = 2.2 µF unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io =50 mA, Vi =15 V
Io =50 mA, Vi = 15 V -25<Ta<85
oC
11. 880
11. 760
12
12. 120
12. 240
V
V
Vi
Operating Input Voltage
Io = 500 mA
16
V
Iout
Output Current Limit
1
A
∆Vo
Line Regulation
Vi =13 to 16 V,
Io = 5 mA
12
60
mV
∆Vo
Load Regulation
Vi = 13.3 V
Io = 5 to 500 mA
12
60
mV
Id
Quiescent Current
ON MODE
Vi =13 to 16 V Io =0 mA
Vi = 13.3 to 16 V
Io =500 mA
0.7
1.5
12
mA
mA
OFF MODE Vi =13 V
70
140
µA
SVR
Supply Voltage Rejection
Io = 5 mA Vi =14 V
± 1V
f = 120 Hz
f= 1 KHz
f = 10 KHz
69
64
54
dB
dB
dB
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
Io = 200 mA
Io = 500 mA
0.2
0.4
0.35
0.7
V
V
Vil
Control Input Logic Low
-40 < Ta <125
oC0.8
V
Vih
Control Input Logic High
-40 < Ta <125
oC2
V
Ii
Control Input Current
Vi =13 V,
Vc =6 V
10
µA
CO
Output Bypass Capacitance
ESR = 0.1 to 10
Ω Io = 0 to 500 mA
210
µF
ELECTRICAL CHARACTERISTICS FOR LF120C (refer to the test circuits, Tj =25
oC,
Ci = 0.1
µF, Co = 2.2 µF unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io =50 mA, Vi =14 V
Io =50 mA, Vi = 14 V -25<Ta<85
oC
11.76
11.52
12
12.24
12.48
V
V
Vi
Operating Input Voltage
Io = 500 mA
16
V
Iout
Output Current Limit
1
A
∆Vo
Line Regulation
Vi =13 to 16 V,
Io = 5 mA
12
60
mV
∆Vo
Load Regulation
Vi = 13.3 V
Io = 5 to 500 mA
12
60
mV
Id
Quiescent Current
ON MODE
Vi =13 to 16 V Io =0 mA
Vi = 13.3 to 16 V
Io =500 mA
0.7
1.5
12
mA
mA
OFF MODE Vi =13 V
70
140
µA
SVR
Supply Voltage Rejection
Io = 5 mA Vi =14 V
± 1V
f = 120 Hz
f= 1 KHz
f = 10 KHz
69
64
54
dB
dB
dB
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
Io = 200 mA
Io = 500 mA
0.2
0.4
0.35
0.7
V
V
Vil
Control Input Logic Low
-40 < Ta <125
oC0.8
V
Vih
Control Input Logic High
-40 < Ta <125
oC2
V
Ii
Control Input Current
Vi =13 V,
Vc =6 V
10
µA
CO
Output Bypass Capacitance
ESR = 0.1 to 10
Ω Io = 0 to 500 mA
210
µF
LF00AB/C
22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com