Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPSEXT Datasheet(PDF) 1 Page - Pycom

Part # GPSEXT
Description  External GPS Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

GPSEXT Datasheet(HTML) 1 Page - Pycom

  GPSEXT Datasheet HTML 1Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part number: GPSEXT
External GPS Antenna
External GPS/Glonass antenna and cable. Includes antenna, cable assembly with nut and
magnet (with base sticker) to attach GPS antenna to external metal surfaces.
This GPS antenna has been optimised to work with the NEW Pytrack 2.0 X shield.
Pytrack 2.0 X shield is NOT included
External GPS + Glonass antenna and cable.
Active External Antenna
Includes Magnet with base sticker to attach GPS to metal surface
SMA Connector straight head
Cable length: 2 meters
VSWR: 2.0 MAX
LNA Gain: 28±3dB
Noise Figure: 2.0dB Typical
Voltage: 3~5V
Coaxial Cable: RG-174


Similar Part No. - GPSEXT

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
GPS KYL-GPS Datasheet
168Kb / 15P
Tracker
logo
Harris Corporation
GPS HARRIS-GPS Datasheet
265Kb / 2P
GPS Speaker Microphone
logo
Veris. All Rights Reser...
GPS VERIS-GPS Datasheet
679Kb / 2P
Gas Detection
logo
Advantech Co., Ltd.
GPS-100 ADVANTECH-GPS-100 Datasheet
321Kb / 1P
Embedded GPS Module with Patch Antenna
GPS-101 ADVANTECH-GPS-101 Datasheet
321Kb / 1P
Embedded GPS Module with Patch Antenna
More results

Similar Description - GPSEXT

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
GPS Antenna
GPA-CG2C2 MITSUMI-GPA-CG2C2 Datasheet
58Kb / 2P
GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
GPS ANTENNA
logo
Maxtena Inc.
MEA-GPS-GG MAXTENA-MEA-GPS-GG Datasheet
279Kb / 1P
GPS/GLONASS EXTERNAL MICROSTRIP ANTENNA
MEA-GPS-S MAXTENA-MEA-GPS-S Datasheet
282Kb / 1P
GPS PRECISION EXTERNAL MICROSTRIP ANTENNA
MEA-GPS-SM MAXTENA-MEA-GPS-SM Datasheet
240Kb / 1P
GPS PRECISION EXTERNAL MICROSTRIP ANTENNA
logo
NimbeLink Corp.
CRJKS0009-LNA-LM5X3000SMA NIMBELINK-CRJKS0009-LNA-LM5X3000SMA Datasheet
548Kb / 2P
CRJKS0009 External GPS Antenna External GPS Antenna
logo
AVX Corporation
X1005243-LGA2SA10A1 AVX-X1005243-LGA2SA10A1 Datasheet
893Kb / 8P
GPS/GLONASS (active) & LTE 2-in-1 External Antenna
10/14/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com