Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO6441FDFPR Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO6441FDFPR
Description  ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6441FDFPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO6441FDFPR Datasheet HTML 25Page - Texas Instruments ISO6441FDFPR Datasheet HTML 26Page - Texas Instruments ISO6441FDFPR Datasheet HTML 27Page - Texas Instruments ISO6441FDFPR Datasheet HTML 28Page - Texas Instruments ISO6441FDFPR Datasheet HTML 29Page - Texas Instruments ISO6441FDFPR Datasheet HTML 30Page - Texas Instruments ISO6441FDFPR Datasheet HTML 31Page - Texas Instruments ISO6441FDFPR Datasheet HTML 32Page - Texas Instruments ISO6441FDFPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO644x devices are high-performance, low power, quad-channel digital isolators. These devices come
with enable pins on each side which can be used to put the respective outputs in high impedance for parallel
(multiple) driver applications. The ISO644x devices use single-ended CMOS-logic switching technology.
The supply voltage range is from 2.25V to 5.5V for both supplies, VCC1 and VCC2. Since an isolation barrier
separates the two sides, each side can be sourced independently with any voltage within the Section 6.3 . As
an example, supplying ISO644x VCC1 with 3.3V (which is within 2.25V to 5.5V) and VCC2 with 5V (which is
also within 2.25V to 5.5V) is possible. You can use the digital isolator as a logic-level translator in addition to
providing isolation. When designing with digital isolators, keep in mind that because of the single-ended design
structure, digital isolators do not conform to any specific interface standard and are only intended for isolating
single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that
is, MCU or FPGA), and a data converter or a line transceiver, regardless of the interface type or standard.
9.2 Typical Application
Figure 9-1 shows the isolated serial peripheral interface (SPI).
Vcc1
Vcc2
GND1
GND2
OUTA
XOUT
XIN
MSPM0
C2000
AM2xxx
TM4Cxx
INA
OUTD
ISO6441
GND
VCC
EN1
EN2
INB
OUTB
OUTC
IND
INC
SDI
CS
SCLK
SDO
VBD
AGND
CH0
CS
SCLK
SDI
SDO
ADS7953
CH15
BDGND
VA
REFP
MXO
AINP
REFM
V
IN
GND
V
OUT
REF5025
V
S
MBR0520L
MBR0520L
1:1.33
D2
SN6501
D1
Vcc
GND
3.3V
IN
EN
GND
OUT
TLV70733
3.3V
16 Analog
Inputs
ISO-BARRIER
V
ISO
Figure 9-1. Isolated SPI for an Analog Input Module With 16 Inputs
www.ti.com
ISO6440, ISO6441, ISO6442
SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO6440 ISO6441 ISO6442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com