Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3404AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP3404AI
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3404AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP3404AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3404AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3404AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3404AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3404AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3404AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3404AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP3404AI
30V N-Channel Enhancement Mode MOSFET
AP3404MI Rve3.8
臺灣永源微電子科技有限公司
Electrical Characteristics (TA=25℃ unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Drain-source breakdown voltage
BVDSS
VGS=0V, ID=250µA
30
-
-
V
Zero gate voltage drain current
IDSS
VDS=30V, VGS=0V
-
-
1
µA
Gate-body leakage
IGSS
VDS=0V, VGS=±20V
-
-
±100
nA
Gate threshold voltage
VGS(th)
VDS=VGS, ID=250µA
0.8
1.4
2.2
V
Drain-source on-state resistance
RDS(ON)
VGS=10V, ID=5A
-
24
28
mΩ
VGS=4.5V, ID=4A
26
32
Forward transconductance
gfs
VGS=5V, ID=5A
-
33
-
S
Input capacitance
CISS
VDS=15V ,VGS=0V
f=1.0MHz
255
pF
Output capacitance
COSS
45
Reverse transfer capacitance
CRSS
35
Turn-on delay time
tD(ON)
VDS=15V VGS=10V
RL=2.6 ohm
RGEN=3ohm
-
4.5
-
ns
Rise time
tr
-
2.5
-
Turn-off delay time
tD(OFF)
-
14.5
-
Fall time
tf
-
3.5
-
Total gate charge
Qg
VDS=15V,ID=5.8A
VGS=10V
-
5.2
-
nC
Gate-source charge
Qgs
-
0.85
-
Gate-drain charge
Qgd
-
1.3
-
Diode forward voltage
VSD
VGS=0V,Is=1A
-
0.76
1.16
V
Notes:
1、surface mounted on FR4 board,t≤10sec
2、pulse test: pulse width≤300μs,duty≤2%
3、guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com