Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF120CDT Datasheet(PDF) 13 Page - STMicroelectronics

Part # LF120CDT
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF120CDT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LF120CDT Datasheet HTML 9Page - STMicroelectronics LF120CDT Datasheet HTML 10Page - STMicroelectronics LF120CDT Datasheet HTML 11Page - STMicroelectronics LF120CDT Datasheet HTML 12Page - STMicroelectronics LF120CDT Datasheet HTML 13Page - STMicroelectronics LF120CDT Datasheet HTML 14Page - STMicroelectronics LF120CDT Datasheet HTML 15Page - STMicroelectronics LF120CDT Datasheet HTML 16Page - STMicroelectronics LF120CDT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ELECTRICAL CHARACTERISTICS FOR LF45AB (refer to the test circuits, Tj =25
oC,
Ci = 0.1
µF, Co = 2.2 µF unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io =50 mA, Vi = 6.5 V
Io =50 mA, Vi = 6.5 V -25<Ta<85
oC
4.455
4.410
4.5
4. 545
4. 590
V
V
Vi
Operating Input Voltage
Io = 500 mA
16
V
Iout
Output Current Limit
1
A
∆Vo
Line Regulation
Vi = 5.5 to 16 V, Io = 5 mA
4
22
mV
∆Vo
Load Regulation
Vi = 5.8 V
Io = 5 to 500 mA
4
22
mV
Id
Quiescent Current
ON MODE
Vi = 5.5 to 16 V Io =0 mA
Vi = 5.8 to 16 V Io = 500 mA
0.5
1
12
mA
mA
OFF MODE Vi =6 V
50
100
µA
SVR
Supply Voltage Rejection
Io = 5 mA Vi = 6.5 V
± 1V
f = 120 Hz
f= 1 KHz
f = 10 KHz
77
72
60
dB
dB
dB
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
Io = 200 mA
Io = 500 mA
0.2
0.4
0.35
0.70
V
V
Vil
Control Input Logic Low
-40 < Ta <125
oC0.8
V
Vih
Control Input Logic High
-40 < Ta <125
oC2
V
Ii
Control Input Current
Vi = 6 V, Vc =6 V
10
µA
CO
Output Bypass Capacitance
ESR = 0.1 to 10
Ω Io = 0 to 500 mA
210
µF
ELECTRICAL CHARACTERISTICS FOR LF45C (refer to the test circuits, Tj =25
oC,
Ci = 0.1
µF, Co = 2.2 µF unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io =50 mA, Vi = 6.5 V
Io =50 mA, Vi = 6.5 V -25<Ta<85
oC
4.41
4.32
4.5
4.59
4.68
V
V
Vi
Operating Input Voltage
Io = 500 mA
16
V
Iout
Output Current Limit
1
A
∆Vo
Line Regulation
Vi = 5.5 to 16 V, Io = 5 mA
4
22
mV
∆Vo
Load Regulation
Vi = 5.8 V
Io = 5 to 500 mA
4
22
mV
Id
Quiescent Current
ON MODE
Vi = 5.5 to 16 V Io =0 mA
Vi = 5.8 to 16 V Io = 500 mA
0.5
1
12
mA
mA
OFF MODE Vi =6 V
50
100
µA
SVR
Supply Voltage Rejection
Io = 5 mA Vi = 6.5 V
± 1V
f = 120 Hz
f= 1 KHz
f = 10 KHz
77
72
60
dB
dB
dB
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
Io = 200 mA
Io = 500 mA
0.2
0.4
0.35
0.70
V
V
Vil
Control Input Logic Low
-40 < Ta <125
oC0.8
V
Vih
Control Input Logic High
-40 < Ta <125
oC2
V
Ii
Control Input Current
Vi = 6 V, Vc =6 V
10
µA
CO
Output Bypass Capacitance
ESR = 0.1 to 10
Ω Io = 0 to 500 mA
210
µF
LF00AB/C
13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com