Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29F010 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 29F010
Description  1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F010 Datasheet(HTML) 2 Page - STMicroelectronics

  29F010 Datasheet HTML 1Page - STMicroelectronics 29F010 Datasheet HTML 2Page - STMicroelectronics 29F010 Datasheet HTML 3Page - STMicroelectronics 29F010 Datasheet HTML 4Page - STMicroelectronics 29F010 Datasheet HTML 5Page - STMicroelectronics 29F010 Datasheet HTML 6Page - STMicroelectronics 29F010 Datasheet HTML 7Page - STMicroelectronics 29F010 Datasheet HTML 8Page - STMicroelectronics 29F010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
M29F010B
2/20
Figure 2. PLCC Connections
AI02737
A13
A10
17
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
9
A8
1
A9
DQ7
A14
32
M29F010B
A11
G
E
25
Figure 3. TSOP Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
NC
W
A16
A12
NC
VCC
A15
AI02738
M29F010B
8
1
9
16
17
24
25
32
VSS
Table 2. Uniform Block Addresses, M29F010B
#
Size
(Kbytes)
Address Range
7
16
1C000h-1FFFFh
6
16
18000h-1BFFFh
5
16
14000h-17FFFh
4
16
10000h-13FFFh
3
16
0C000h-0FFFFh
2
16
08000h-0BFFFh
1
16
04000h-07FFFh
0
16
00000h-03FFFh
Table 1. Signal Names
A0-A16
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com