Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1139AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP1139AI
Description  -100V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP1139AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP1139AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP1139AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP1139AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP1139AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP1139AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP1139AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP1139AI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP1139AI Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1139AI
-100V P-Channel Enhancement Mode MOSFET
AP1119AI REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ =25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-100
-117
---
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V , ID=-0.5A
---
2.8
4.2
Ω
VGS=-4.5V , ID=-0.1A
---
3.2
5.0
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.2
-2.3
-2.5
V
IDSS
Drain-Source Leakage Current
VDS=-100V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=-100V , VGS=0V , TJ=85℃
---
---
-100
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
15.3
---
Ω
Qg
Total Gate Charge
VDS=-15V, VGS=-4.5V,
ID=-0.5A
---
1.8
---
nC
Qgs
Gate-Source Charge
---
0.3
---
Qgd
Gate-Drain Charge
---
0.5
---
Td(on)
Turn-On Delay Time
VDD=-50V , VGS=-10V ,
RG=3.3Ω,ID=-0.5A
---
3.3
---
ns
Tr
Rise Time
---
2.6
---
Td(off)
Turn-Off Delay Time
---
8.4
---
Tf
Fall Time
---
4.9
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
87
---
pF
Coss
Output Capacitance
---
5.6
---
Crss
Reverse Transfer Capacitance
---
2.9
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
-0.2
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-0.2A , TJ=25℃
---
---
-1.2
V
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List