Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-6217-B. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-6217-B.
Description  8-ch Isolated Analog Input Modbus TCP Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6217-B. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6217-B. Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet I/O Modules: ADAM-6000
ADAM-6217
ADAM-6224
Specifications
Analog Input
ƒ
Channels
8 (differential)
ƒ
Input Impedance
> 10 MW (voltage)
120 W (current)
ƒ
lnput Type
mV, V, mA
ƒ
lnput Range
±150 mV, ±500 mV, ±1 V, ±5 V, ±10 V, 0 ~ 20 mA,
4 ~ 20 mA, ±20 mA
ƒ
Span Drift
± 30 ppm/°C
ƒ
Zero Drift
± 6 μV/°C
ƒ
Resolution
16-bit
ƒ
Accuracy
± 0.1% of FSR (Voltage) at 25°C
± 0.2% of FSR (Current) at 25°C
ƒ
Sampling Rate
10 sample/second (total)
ƒ
CMR @ 50/60 Hz
92 dB
ƒ
NMR @ 50/60 Hz
67 dB
ƒ
Common Mode
200 VDC
Ordering Information
ƒ
ADAM-6217
8-ch Isolated Analog Input Modbus TCP Module
4-ch Isolated Analog Output Modbus TCP
Module
Specifications
Analog Output
ƒ
Channels
4
ƒ
Output Impedance
2.1
Ω
ƒ
Output Settling Time
20 μs
ƒ
Driving Load
Voltage: 2k
Ω
Current: 500
Ω
ƒ
Programmable
0.125 ~ 128 mA/sec
Output Slope
0.0625 ~ 64 V/sec
ƒ
Output Type
V, mA
ƒ
Output Range
0 ~ 5 V, 0 ~ 10 V, ± 5 V, ± 10 V, 0 ~ 20 mA, 4 ~ 20 mA
ƒ
Accuracy
± 0.3% of FSR (Voltage) at 25°C
± 0.5% of FSR (Current) at 25°C
ƒ
Resolution
12-bit
ƒ
Current Load Resistor 0 ~ 500 Ω
ƒ
Drift
± 50 ppm/°C
Digital Input
ƒ
Channels
4 (Dry Contact only)
ƒ
Dry Contact
Logic 0: Open
Logic 1: Closed to DGND
ƒ
Support DI Filter
ƒ
Support Inverted DI Status
ƒ
Support Trigger to Startup or Safety Value
Ordering Information
ƒ
ADAM-6224
4-ch Isolated Analog Output Modbus TCP Module
8-ch Isolated Analog Input Modbus TCP
Module
Common Specifications
General
ƒ
Ethernet
2-port 10/100 Base-TX (for Daisy Chain)
ƒ
Protocol
Modbus TCP, TCP/IP, UDP, HTTP, DHCP,RESTful,
SNMP (B version), MQTT (B version)
ƒ
Connector
Plug-in 5P/15P screw terminal blocks
ƒ
Power Input
10 - 30 VDC (24 VDC standard)
ƒ
Watchdog Timer
System (1.6 seconds)
Communication (Programmable)
ƒ
Dimensions
70 x 122 x 27 mm
ƒ
Protection
Built-in TVS/ESD protection
Power Reversal protection
Isolation protection: 2500 VDC
ƒ
Power Consumption
ADAM-6217: 3.5W @ 24 VDC
ADAM-6224: 6W @ 24 VDC
Features
ƒ Daisy chain connection with auto-bypass protection
ƒ Remote monitoring and control with smart phone/pad
ƒ Group configuration capability for multiple module setup
ƒ Flexible user-defined Modbus address
ƒ Intelligent control ability by Peer-to-Peer and GCL function
ƒ Multiple protocol support: Modbus TCP, TCP/IP, UDP, HTTP, DHCP, RESTful
SNMP (B version), MQTT (B version)
ƒ Web language support: XML, HTML 5, Java Script
ƒ System configuration backup
ƒ User Access Control
Environment
ƒ
Operating Temperature -10 ~ 70°C (14 ~ 158°F)
-40 ~ 70°C (-40~158°F) (B version)
ƒ
Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
-40 ~ 85°C ( -40~185°F) (B version)
ƒ
Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH (non-condensing)
ADAM-6217
ADAM-6224
All product specifications are subject to change without notice.
Last updated: 14-Aug-2020


Similar Part No. - ADAM-6217-B.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6217-B ADVANTECH-ADAM-6217-B Datasheet
4Mb / 13P
7-ch Isolated RTD Input Modbus TCP Module
26-Apr-2024
More results

Similar Description - ADAM-6217-B.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4520I ADVANTECH-ADAM-4520I Datasheet
699Kb / 1P
Robust 8-ch Analog Input Module with Modbus
ADAM-4017+ ADVANTECH-ADAM-4017+ Datasheet
702Kb / 1P
8-ch Analog Input Module with Modbus
ADAM-4117 ADVANTECH-ADAM-4117_15 Datasheet
307Kb / 1P
Robust 8-ch Analog Input Module with Modbus
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
8-ch Isolated Analog Input Modbus TCP Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
4-ch Isolated Analog Output Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Input Modbus TCP Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Output Modbus TCP Module
ADAM-6018+ ADVANTECH-ADAM-6018+ Datasheet
566Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com