Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28W800 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28W800
Description  8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W800 Datasheet(HTML) 3 Page - STMicroelectronics

  M28W800 Datasheet HTML 1Page - STMicroelectronics M28W800 Datasheet HTML 2Page - STMicroelectronics M28W800 Datasheet HTML 3Page - STMicroelectronics M28W800 Datasheet HTML 4Page - STMicroelectronics M28W800 Datasheet HTML 5Page - STMicroelectronics M28W800 Datasheet HTML 6Page - STMicroelectronics M28W800 Datasheet HTML 7Page - STMicroelectronics M28W800 Datasheet HTML 8Page - STMicroelectronics M28W800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3/42
M28W800BT, M28W800BB
Table 6.Program,Erase Times and Program/Erase Endurance Cycles .... ...... ...... .... 14
STATUS REGISTER .. ...... ...... ....... ...... ....... ...... ....... ...... ...... ....15
Program/Erase Controller Status (Bit 7) ... ...... ....... ...... ....... ...... ...... ....15
Erase Suspend Status (Bit 6) .... ....... ...... ....... ...... ....... ...... ...... ....15
Erase Status(Bit 5) ...... ...... ....... ...... ....... ...... ....... ...... ...... ....15
Program Status (Bit 4) .... ...... ....... ...... ....... ...... ....... ...... ...... ....15
VPP Status (Bit 3).. ...... ...... ....... ...... ....... ...... ....... ...... ...... ....15
Program Suspend Status (Bit 2) .. ....... ...... ....... ...... ....... ...... ...... ....15
Block Protection Status (Bit 1).... ....... ...... ....... ...... ....... ...... ...... ....16
Reserved (Bit 0)... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....16
Table 7.StatusRegister Bits ..... ....... ...... ....... ...... ....... ...... ...... ....16
MAXIMUM RATING... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....17
Table 8.Absolute Maximum Ratings ...... ...... ....... ...... ....... ...... ...... ....17
DC and AC PARAMETERS . . ...... ....... ...... ....... ...... ....... ...... ...... ....18
Table 9. Operating and AC Measurement Conditions ...... ...... ....... ...... ...... ....18
Figure 6.AC Measurement I/O Waveform . ...... ....... ...... ....... ...... ...... ....18
Figure 7. AC Measurement Load Circuit . . . ...... ....... ...... ....... ...... ...... ....18
Table 10. Device Capacitance.... ....... ...... ....... ...... ....... ...... ...... ....18
Table 11. DC Characteristics..... ....... ...... ....... ...... ....... ...... ...... ....19
Figure 8.Read AC Waveforms ... ....... ...... ....... ...... ....... ...... ...... .... 20
Table 12. Read AC Characteristics ....... ...... ....... ...... ....... ...... ...... ....20
Figure 9. Write AC Waveforms, Write Enable Controlled . . . ...... ....... ...... ...... ....21
Table 13. Write AC Characteristics, Write Enable Controlled ...... ....... ...... ...... ....22
Figure 10. Write AC Waveforms, Chip Enable Controlled ... ...... ....... ...... ...... ....23
Table 14. Write AC Characteristics, Chip Enable Controlled ...... ....... ...... ...... ....24
Figure 11. Power-Up and Reset AC Waveforms ... ....... ...... ....... ...... ...... ....25
Table 15. Power-Up and ResetACCharacteristics ....... ...... ....... ...... ...... ....25
PACKAGE MECHANICAL . . . ...... ....... ...... ....... ...... ....... ...... ...... ....26
Figure 12. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x20mm, Package Outline .... ....26
Table 16. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Mechanical Data . 26
Figure 13. TFBGA46 6.39x6.37mm - 8x6 ball array, 0.75mm pitch, Bottom View Package Outline27
Table 17. TFBGA46 6.39x6.37mm - 8x6 ball array, 0.75mm pitch,Package Mechanical Data ...27
Figure 14. TFBGA46 Daisy Chain - Package Connections (Top view through package) .... ....28
Figure 15. TFBGA46 Daisy Chain - PCB Connections proposal (Top view through package) ....28
PART NUMBERING .. ...... ...... ....... ...... ....... ...... ....... ...... ...... ....29
Table 18. Ordering Information Scheme ... ...... ....... ...... ....... ...... ...... ....29
Table 19. DaisyChain Ordering Scheme . . ...... ....... ...... ....... ...... ...... ....29
REVISION HISTORY. . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....30
Table 20. Document Revision History ..... ...... ....... ...... ....... ...... ...... ....30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com