Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FOXK2 Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 83Page - STMicroelectronics ST7FOXK2 Datasheet HTML 84Page - STMicroelectronics ST7FOXK2 Datasheet HTML 85Page - STMicroelectronics ST7FOXK2 Datasheet HTML 86Page - STMicroelectronics ST7FOXK2 Datasheet HTML 87Page - STMicroelectronics ST7FOXK2 Datasheet HTML 88Page - STMicroelectronics ST7FOXK2 Datasheet HTML 89Page - STMicroelectronics ST7FOXK2 Datasheet HTML 90Page - STMicroelectronics ST7FOXK2 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
87/226
Figure 40.
Dead time generation
In the above example, when the DTE bit is set:
●
PWM goes low at DCR0 match and goes high at ATR1+Tdt
●
PWM1 goes high at DCR0+Tdt and goes low at ATR match.
With this programmable delay (Tdt), the PWM0 and PWM1 signals which are generated are
not overlapped.
Break function
The break function can be used to perform an emergency shutdown of the application being
driven by the PWM signals.
The break function is activated by the external BREAK pin. This can be selected by using
the BRSEL bit in BREAKCR register. In order to use the break function it must be previously
enabled by software setting the BPEN bit in the BREAKCR register.
The Break active level can be programmed by the BREDGE bit in the BREAKCR register.
When an active level is detected on the BREAK pin, the BA bit is set and the break function
is activated. In this case, the PWM signals are forced to BREAK value if respective OEx bit
is set in PWMCR register.
Software can set the BA bit to activate the break function without using the BREAK pin. The
BREN1 and BREN2 bits in the BREAKEN register are used to enable the break activation
on the 2 counters respectively. In Dual Timer mode, the break for PWM2 and PWM3 is
enabled by the BREN2 bit. In Single Timer mode, the BREN1 bit enables the break for all
PWM channels.
DCR0+1
ATR1
DCR0
Tdt
Tdt
Tdt = DT[6:0] x Tcounter1
PWM 0
PWM 1
CNTR1
CK_CNTR1
Tcounter1
OVF
PWM 0
PWM 1
counter = DCR0
counter = DCR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com