Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE35CZAP Datasheet(PDF) 11 Page - STMicroelectronics

Part # LE35CZAP
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE35CZAP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LE35CZAP Datasheet HTML 7Page - STMicroelectronics LE35CZAP Datasheet HTML 8Page - STMicroelectronics LE35CZAP Datasheet HTML 9Page - STMicroelectronics LE35CZAP Datasheet HTML 10Page - STMicroelectronics LE35CZAP Datasheet HTML 11Page - STMicroelectronics LE35CZAP Datasheet HTML 12Page - STMicroelectronics LE35CZAP Datasheet HTML 13Page - STMicroelectronics LE35CZAP Datasheet HTML 14Page - STMicroelectronics LE35CZAP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LE00AB/C SERIES
11/27
Table 18: Electrical Characteristics For LE40AB (refer to the test circuits, Tj = 25°C, CI = 0.1 µF,
CO = 2.2 µF unless otherwise specified.)
Table 19: Electrical Characteristics For LE40C (refer to the test circuits, Tj = 25°C, CI = 0.1 µF,
CO = 2.2 µF unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 10 mA, VI = 6 V
3.96
4
4.04
V
IO = 10 mA, VI = 6 V, Ta = -25 to 85°C
3.92
4.08
VI
Operating Input Voltage
IO = 100 mA
18
V
IO
Output Current Limit
150
mA
∆V
O
Line Regulation
VI = 4.7 to 18 V,
IO = 0.5 mA
4
20
mV
∆V
O
Load Regulation
VI = 5 V
IO = 0.5 to 100 mA
3
15
mV
Id
Quiescent Current
VI = 5 to 18V, IO = 0mA
ON MODE
0.51mA
VI = 5 to 18V, IO = 100mA
1.5
3
VI = 6 V
OFF MODE
50
100
µA
SVR
Supply Voltage Rejection
IO = 5 mA
VI = 6 ± 1 V
f = 120 Hz
78
dB
f = 1 KHz
73
f = 10 KHz
60
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
IO = 100 mA
0.2
0.4
V
IO = 100 mA
Ta = -40 to 125°C
0.5
VIL
Control Input Logic Low
Ta = -40 to 125°C
0.8
V
VIH
Control Input Logic High
Ta = -40 to 125°C
2
V
II
Control Input Current
VI = 6 V,
VC = 6 V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
Ω
IO = 0 to 100 mA
2
10
µF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 10 mA, VI = 6 V
3.92
4
4.08
V
IO = 10 mA, VI = 6 V, Ta = -25 to 85°C
3.84
4.16
VI
Operating Input Voltage
IO = 100 mA
18
V
IO
Output Current Limit
150
mA
∆V
O
Line Regulation
VI = 4.7 to 18 V,
IO = 0.5 mA
4
30
mV
∆V
O
Load Regulation
VI = 5 V
IO = 0.5 to 100 mA
3
25
mV
Id
Quiescent Current
VI = 5 to 18V, IO = 0mA
ON MODE
0.51mA
VI = 5 to 18V, IO = 100mA
1.5
3
VI = 6 V
OFF MODE
50
100
µA
SVR
Supply Voltage Rejection
IO = 5 mA
VI = 6 ± 1 V
f = 120 Hz
78
dB
f = 1 KHz
73
f = 10 KHz
60
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
IO = 100 mA
0.2
0.4
V
IO = 100 mA
Ta = -40 to 125°C
0.5
VIL
Control Input Logic Low
Ta = -40 to 125°C
0.8
V
VIH
Control Input Logic High
Ta = -40 to 125°C
2
V
II
Control Input Current
VI = 6 V,
VC = 6 V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
Ω
IO = 0 to 100 mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com