Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDF404PI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDF404PI
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDF404PI Datasheet(HTML) 3 Page - IXYS Corporation

  IXDF404PI Datasheet HTML 1Page - IXYS Corporation IXDF404PI Datasheet HTML 2Page - IXYS Corporation IXDF404PI Datasheet HTML 3Page - IXYS Corporation IXDF404PI Datasheet HTML 4Page - IXYS Corporation IXDF404PI Datasheet HTML 5Page - IXYS Corporation IXDF404PI Datasheet HTML 6Page - IXYS Corporation IXDF404PI Datasheet HTML 7Page - IXYS Corporation IXDF404PI Datasheet HTML 8Page - IXYS Corporation IXDF404PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
IXDN404 / IXDI404 / IXDF404
Unless otherwise noted, T
A = 25
o
C, 4.5V
≤ V
CC ≤ 35V .
All voltage measurements with respect to GND. Device configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
4.5V
≤ VCC ≤ 18V
2.5
V
VIL
Low input voltage
4.5V
≤ VCC ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ VIN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output High
VCC = 18V
2
2.5
Ω
ROL
Output resistance
@ Output Low
VCC = 18V
1.5
2
Ω
IPEAK
Peak output current
VCC = 18V
4
A
IDC
Continuous output
current
1
A
tR
Rise time
CL=1800pF Vcc=18V
16
18
ns
tF
Fall time
CL=1800pF Vcc=18V
13
17
ns
tONDLY
On-time propagation
delay
CL=1800pF Vcc=18V
36
40
ns
tOFFDLY
Off-time propagation
delay
CL=1800pF Vcc=18V
35
39
ns
VCC
Power supply voltage
4.5
18
35
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Voltage
40V
All Other Pins
-0.3V to VCC + 0.3V
Junction Temperature
150oC
Storage Temperature
-65oC to 150oC
Soldering Lead Temperature
(10 seconds maximum)
300oC
Operating Ratings
Specifications Subject To Change Without Notice
Note 1: Operating the device beyond parameters with listed “Absolute Maximum Ratings” may cause permanent
damage to the device. Typical values indicate conditions for which the device is intended to be functional, but do not
guarantee specific performance limits. The guaranteed specifications apply only for the test conditions listed.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Thermal Resistance (To Ambient)
8 Pin PDIP (PI) (
θ
JA)
120 K/W
8 Pin SOIC (SIA)
110 K/W
16 Pin SOIC (SIA-16) (
θ
JA)
110 K/W
θ
JA with heat sink **
Heat sink area of 1 cm2
8 Pin SOIC
95 K/W
16 Pin SOIC-CT
95 K/W
Heat sink area of 3 cm
2
8 Pin SOIC
85 K/W
16 Pin SOIC-CT
85 K/W
** Device soldered to metal back pane. Heat sink area is 1 oz.
copper on 1 side of 0.06" thick FR4 PC board.
Parameter
Value
Operating Temperature Range
-55 oC to 125 oC
Thermal Resistance (Junction to Case)
(θ
JC)
8 Pin SOIC (SI)
16 Pin SOIC (SI-16)
10 K/W
10 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com