Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27W032 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M27W032
Description  32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W032 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M27W032 Datasheet HTML 9Page - STMicroelectronics M27W032 Datasheet HTML 10Page - STMicroelectronics M27W032 Datasheet HTML 11Page - STMicroelectronics M27W032 Datasheet HTML 12Page - STMicroelectronics M27W032 Datasheet HTML 13Page - STMicroelectronics M27W032 Datasheet HTML 14Page - STMicroelectronics M27W032 Datasheet HTML 15Page - STMicroelectronics M27W032 Datasheet HTML 16Page - STMicroelectronics M27W032 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
M27W032
Table 6. Status Register Bits
Note: 1. Unspecified data bits should be ignored.
2. DQ4 = 0 if VPP ≥ VHH during Program algorithm execution; DQ4 = 1 if VPP < VHH during Program algorithm execution.
Figure 6. Data Polling Flowchart
Figure 7. Data Toggle Flowchart
Command (1)
P.C. Status
DQ7
DQ6
DQ5
DQ4
DQ3
DQ0
Multiple Word Program
Programming
–
Toggle
0
–
0
1
Waiting for data
–
Toggle
0
–
0
0
Program fail
–
Toggle
1
(2)
01
Word Program
Programming
DQ7
Toggle
0
–
0
–
Program error
DQ7
Toggle
1
(2)
0–
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
at VALID ADDRESS
FAIL
PASS
AI03598
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO
READ DQ6
START
READ DQ6
TWICE
FAIL
PASS
AI01370B
DQ6
=
TOGGLE
NO
NO
YES
YES
DQ5
= 1
NO
YES
DQ6
=
TOGGLE
READ
DQ5 & DQ6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com