Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7L09 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST7L09
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L09 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST7L09 Datasheet HTML 90Page - STMicroelectronics ST7L09 Datasheet HTML 91Page - STMicroelectronics ST7L09 Datasheet HTML 92Page - STMicroelectronics ST7L09 Datasheet HTML 93Page - STMicroelectronics ST7L09 Datasheet HTML 94Page - STMicroelectronics ST7L09 Datasheet HTML 95Page - STMicroelectronics ST7L09 Datasheet HTML 96Page - STMicroelectronics ST7L09 Datasheet HTML 97Page - STMicroelectronics ST7L09 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 104 page
background image
ST7L05, ST7L09
94/104
14 PACKAGE CHARACTERISTICS
In order to meet environmental requirements, ST
offers these devices in ECOPACK® packages.
These packages have a lead-free second level in-
terconnect. The category of second Level Inter-
connect is marked on the package and on the in-
ner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to solder-
ing conditions are also marked on the inner box la-
bel.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at www.st.com.
14.1 PACKAGE MECHANICAL DATA
Figure 72. 16-Pin Plastic Small Outline Package, 150-mil Width
14.2 THERMAL CHARACTERISTICS
Notes:
1. The maximum chip-junction temperature is based on technology characteristics.
2. The maximum power dissipation is obtained from the formula PD = (TJ -TA) / RthJA.
The power dissipation of an application can be defined by the user with the formula: PD =PINT +PPORT where PINT is the
chip internal power (IDD xVDD) and PPORT is the port power dissipation depending on the ports used in the application.
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance (junction to ambient)
95
°C/W
TJmax
Maximum junction temperature1)
150
°C
PDmax
Power dissipation2)
500
mW
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75 0.053
0.069
A1
0.10
0.25 0.004
0.010
B
0.33
0.51 0.013
0.020
C
0.19
0.25 0.007
0.010
D
9.80
10.00 0.386
0.394
E
3.80
4.00 0.150
0.157
e
1.27
0.050
H
5.80
6.20 0.228
0.244
α
0°
8°
0°
8°
L
0.40
1.27 0.016
0.050
Number of Pins
N
16
0016020
E
H
A1
C
α
45×
A
A1
B
D
e
16
9
1
8
L
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com