Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP18N20HD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP18N20HD
Description  200V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP18N20HD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP18N20HD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP18N20HD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP18N20HD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP18N20HD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP18N20HD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP18N20HD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP18N20HD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP18N20HD
200V N-Channel Enhancement Mode MOSFET
AP18N20HD RVE1.0
永源微電子科技有限公司
Description
The AP18N20HD is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 200V ID =18A
RDS(ON) < 150mΩ @ VGS=10V (Type:120mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP18N20HD
TO-252-3L
AP18N20HD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
TO-252
VDSS
Drain-Source Voltage (VGS = 0V)
200
V
ID
Continuous Drain Current
18
A
IDM
Pulsed Drain Current
(note1)
72
A
VGS
Gate-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy (note2)
340
mJ
IAR
Avalanche Current (note1)
15
A
EAR
Repetitive Avalanche Energy note1)
8.3
mJ
PD
Power Dissipation (TC = 25ºC)
104
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
1.2
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W


Similar Part No. - AP18N20HD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP18N20AGS-HF A-POWER-AP18N20AGS-HF Datasheet
63Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP18N20AGS-HF A-POWER-AP18N20AGS-HF_14 Datasheet
63Kb / 4P
Simple Drive Requirement
logo
A POWER MICROELECTRONIC...
AP18N20D APME-AP18N20D Datasheet
1Mb / 7P
200V N-Channel Enhancement Mode MOSFET
AP18N20F APME-AP18N20F Datasheet
756Kb / 6P
200V N-Channel Enhancement Mode MOSFET
REV1.0
AP18N20FPT APME-AP18N20FPT Datasheet
756Kb / 6P
200V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP18N20HD

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN20B28K DIODES-ZXMN20B28K_15 Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shenzhen Huazhimei Semi...
HM2N20MR HMSEMI-HM2N20MR Datasheet
928Kb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK18N20 LEIDITECH-LMAK18N20 Datasheet
1Mb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJU18N20 PANJIT-PJU18N20 Datasheet
1Mb / 8P
200V N-Channel Enhancement Mode MOSFET
July 18,2017-REV.00
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
STD5N20LT4-TP TECHPUBLIC-STD5N20LT4-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com