Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2811 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 15Page - Texas Instruments TMS320F2811 Datasheet HTML 16Page - Texas Instruments TMS320F2811 Datasheet HTML 17Page - Texas Instruments TMS320F2811 Datasheet HTML 18Page - Texas Instruments TMS320F2811 Datasheet HTML 19Page - Texas Instruments TMS320F2811 Datasheet HTML 20Page - Texas Instruments TMS320F2811 Datasheet HTML 21Page - Texas Instruments TMS320F2811 Datasheet HTML 22Page - Texas Instruments TMS320F2811 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 173 page
background image
Introduction
19
April 2001 − Revised July 2007
SPRS174O
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PINP
BK
176-PINP
GF
179-PING
HH
XINTF SIGNALS (2812 ONLY) (CONTINUED)
XREADY
B6
161
−
I
PU
Ready Signal. Indicates peripheral is ready to
complete the access when asserted to 1. XREADY
can be configured to be a synchronous or an
asynchronous input. See the timing diagrams for
more details.
JTAG AND MISCELLANEOUS SIGNALS
X1/XCLKIN
K9
77
58
I
Oscillator Input − input to the internal oscillator. This
pin is also used to feed an external clock. The 28x
can be operated with an external clock source,
provided that the proper voltage levels be driven on
the X1/XCLKIN pin. It should be noted that the
X1/XCLKIN pin is referenced to the 1.8-V (or 1.9-V)
core digital power supply (VDD), rather than the
3.3-V I/O supply (VDDIO). A clamping diode may be
used to clamp a buffered clock signal to ensure that
the logic-high level does not exceed VDD (1.8 V or
1.9 V) or a 1.8-V oscillator may be used.
X2
M9
76
57
O
Oscillator Output
XCLKOUT
F11
119
87
O
−
Output clock derived from SYSCLKOUT to be used
for external wait-state generation and as a
general-purpose clock source. XCLKOUT is either
the same frequency, 1/2 the frequency, or 1/4 the
frequency of SYSCLKOUT. At reset, XCLKOUT =
SYSCLKOUT/4. The XCLKOUT signal can be
turned off by setting bit 3 (CLKOFF) of the
XINTCNF2 register to 1. Unlike other GPIO pins, the
XCLKOUT pin is not placed in a high impedance
state during reset.
TESTSEL
A13
134
97
I
PD
Test Pin. Reserved for TI. Must be connected to
ground.
XRS
D6
160
113
I/O
PU
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to terminate
execution. The PC will point to the address
contained at the location 0x3FFFC0. When XRS is
brought to a high level, execution begins at the
location pointed to by the PC. This pin is driven low
by the DSP when a watchdog reset occurs. During
watchdog reset, the XRS pin will be driven low for the
watchdog reset duration of 512 XCLKIN cycles.
The output buffer of this pin is an open-drain with an
internal pullup (100
µA, typical). It is recommended
that this pin be driven by an open-drain device.
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3. The pullups/pulldowns are enabled
in boundary scan mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com