Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHCONNECTOR Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # SHCONNECTOR
Description  1.0mm pitch/Disconnectable Crimp style connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SHCONNECTOR Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  SHCONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. SHCONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
1
SH CONNECTOR
1.0mm pitch/Disconnectable Crimp style connectors
Emboss Tape
2.9
1
0.6
1.2
0.7
Header outline
±
0.05
±
0.05
±
0.1
±
0.1
6.25
1
0.6
1.2
0.7
Header outline
±
0.1
±
0.05
±
0.05
±
0.1
0.8
0.5
2
3.9
1.6
0.8
0.45
1.55
SSH-003T-P0.2-H
0.032∼0.08
32∼28
0.4∼0.8
23,000
Material and Finish
Model No.
Applicable wire
Q'ty /
reel
mm2
AWG#
Insulation O.D. (mm)
Phosphor bronze, tin-plated (reflow treatment)
Contact
Crimping
machine
AP-K2N
MKS-L-10-3
*MKS-SC
MK/SSH/L-003-02
SC/SSH/L-003-02
Applicator
Crimp applicator
Dies
APLMK SSH/L003-02
APLSC SSH/L003-02
Crimp applicator with dies
SSH-003T-P0.2-H
The world's first 1.0mm pitch crimp style
connector.
• Compact, low profile design
• Compatible with the SR insulation
displacement connectors
• Housing lances
Specifications –––––––––––––––––––
• Current rating: 1.0 A AC, DC (AWG #28)
• Voltage rating: 50 V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 20 m
Ω max.
After environmental testing/ 40 m
Ω max.
• Insulation resistance: 100 M
Ω min.
• Withstanding voltage: 500 VAC/minute
• Applicable wire: Conductor size/ AWG #32 to #28
Insulation O.D./ 0.4 to 0.8 mm
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
* Compliant with RoHS.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Contact
RoHS compliance
Note: Contact JST for gold-plated products.
Note: *Strip-crimp applicator
Contact JST for applicable wires in case that it is not usable due to wire size.
Top entry type
Side entry type


Similar Part No. - SHCONNECTOR

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SHC PREMO-SHC Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Tyco Electronics
SHC MACOM-SHC Datasheet
82Kb / 2P
GRID SURFACE MOUNT COMMERCIAL/INDUSTRIAL RELAYS
logo
PREMO CORPORATION S.L
SHC-100M PREMO-SHC-100M Datasheet
167Kb / 9P
SMD Power Inductors Shielded
SHC-101L PREMO-SHC-101L Datasheet
167Kb / 9P
SMD Power Inductors Shielded
SHC-102K PREMO-SHC-102K Datasheet
167Kb / 9P
SMD Power Inductors Shielded
More results

Similar Description - SHCONNECTOR

ManufacturerPart #DatasheetDescription
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
SHDR-30V-S-B ETC2-SHDR-30V-S-B Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHLP-10V-S-B ETC2-SHLP-10V-S-B Datasheet
94Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com