| Electronic Components Datasheet Search |
|
M25P10-AVMP6TP Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P10-AVMP6TP Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 41 page ![]() 25/41 M25P10-A Release from Deep Power-down and Read Electronic Signature (RES) Once the device has entered the Deep Power- down mode, all instructions are ignored except the Release from Deep Power-down and Read Elec- tronic Signature (RES) instruction. Executing this instruction takes the device out of the Deep Pow- er-down mode. The instruction can also be used to read, on Serial Data Output (Q), the 8-bit Electronic Signature, whose value for the M25P10-A is 10h. Except while an Erase, Program or Write Status Register cycle is in progress, the Release from Deep Power-down and Read Electronic Signature (RES) instruction always provides access to the 8- bit Electronic Signature of the device, and can be applied even if the Deep Power-down mode has not been entered. Any Release from Deep Power-down and Read Electronic Signature (RES) instruction while an Erase, Program or Write Status Register cycle is in progress, is not decoded, and has no effect on the cycle that is in progress. The device is first selected by driving Chip Select (S) Low. The instruction code is followed by 3 dummy bytes, each bit being latched-in on Serial Data Input (D) during the rising edge of Serial Clock (C). Then, the 8-bit Electronic Signature, stored in the memory, is shifted out on Serial Data Output (Q), each bit being shifted out during the falling edge of Serial Clock (C). The instruction sequence is shown in Figure 19. The Release from Deep Power-down and Read Electronic Signature (RES) instruction is terminat- ed by driving Chip Select (S) High after the Elec- tronic Signature has been read at least once. Sending additional clock cycles on Serial Clock (C), while Chip Select (S) is driven Low, cause the Electronic Signature to be output repeatedly. When Chip Select (S) is driven High, the device is put in the Standby Power mode. If the device was not previously in the Deep Power-down mode, the transition to the Standby Power mode is immedi- ate. If the device was previously in the Deep Pow- er-down mode, though, the transition to the Standby Power mode is delayed by tRES2, and Chip Select (S) must remain High for at least tRES2(max), as specified in Table 15. Once in the Standby Power mode, the device waits to be se- lected, so that it can receive, decode and execute instructions. Driving Chip Select (S) High after the 8-bit instruc- tion byte has been received by the device, but be- fore the whole of the 8-bit Electronic Signature has been transmitted for the first time (as shown in Fig- ure 20.), still ensures that the device is put into Standby Power mode. If the device was not previ- ously in the Deep Power-down mode, the transi- tion to the Standby Power mode is immediate. If the device was previously in the Deep Power- down mode, though, the transition to the Standby Power mode is delayed by tRES1, and Chip Select (S) must remain High for at least tRES1(max), as specified in Table 15. Once in the Standby Power mode, the device waits to be selected, so that it can receive, decode and execute instructions. Figure 19. Release from Deep Power-down and Read Electronic Signature (RES) Instruction Sequence and Data-Out Sequence Note: The value of the 8-bit Electronic Signature, for the M25P10-A, is 10h. C D AI04047C S Q 23 2 1 3456789 10 28 29 30 31 32 33 34 35 22 21 3210 36 37 38 765432 0 1 High Impedance Electronic Signature Out Instruction 3 Dummy Bytes 0 MSB Stand-by Mode Deep Power-down Mode MSB tRES2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |