Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE30ABZ Datasheet(PDF) 1 Page - STMicroelectronics

Part # LE30ABZ
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE30ABZ Datasheet(HTML) 1 Page - STMicroelectronics

  LE30ABZ Datasheet HTML 1Page - STMicroelectronics LE30ABZ Datasheet HTML 2Page - STMicroelectronics LE30ABZ Datasheet HTML 3Page - STMicroelectronics LE30ABZ Datasheet HTML 4Page - STMicroelectronics LE30ABZ Datasheet HTML 5Page - STMicroelectronics LE30ABZ Datasheet HTML 6Page - STMicroelectronics LE30ABZ Datasheet HTML 7Page - STMicroelectronics LE30ABZ Datasheet HTML 8Page - STMicroelectronics LE30ABZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
July 2004
s
VERY LOW DROPOUT VOLTAGE (0.2V TYP)
s
VERY LOW QUIESCENT CURRENT (TYP.
50 µA IN OFF MODE, 0.5 mA IN ON MODE,
NO LOAD)
s
OUTPUT CURRENT UP TO 100 mA
s
OUTPUT VOLTAGES OF 1.25; 1.5; 2.5; 3;
3.3; 3.5; 4; 4.5; 4.7; 5; 5.2; 5.5; 6; 8V
s
INTERNAL CURRENT AND THERMAL LIMIT
s
ONLY 2.2 µF FOR STABILITY
s
AVAILABLE IN ± 1% (A) OR ± 2% (C)
SELECTION AT 25°C
s
SUPPLY VOLTAGE REJECTION: 80db (TYP.)
s
TEMPERATURE RANGE: -40 TO 125 °C
DESCRIPTION
The LE00 regulator series are very Low Drop
regulators available in SO-8 and TO-92 packages
and in a wide range of output voltages.
The very Low Drop voltage (0.2V) and the very
low quiescent current make them particularly
suitable for Low Noise Low Power applications
and specially in battery powered systems.
They are pin to pin compatible with the older
L78L00
series.
Furthermore
in
the
8
pin
configuration (SO-8) they employ a Shutdown
Logic Control (pin 5, TTL compatible). This means
that when the device is used as a local regulator,
it’s possible to put in stand by a part of the board
even
more
decreasing
the
total
power
consumption. In the three terminal configuration
(TO-92) the device is even in ON STATE,
maintaining the same electrical performances. It
needs only 2.2µF capacitor for stability allowing
room and cost saving effect.
LE00AB/C
SERIES
VERY LOW DROP
VOLTAGE REGULATORS WITH INHIBIT
SCHEMATIC DIAGRAM
SO-8
TO-92
Rev. 6


Similar Part No. - LE30ABZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE30ABZ-TR STMICROELECTRONICS-LE30ABZ-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results

Similar Description - LE30ABZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com