Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7908TU. Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA7908TU.
Description  3-Terminal 1 A Negative Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA7908TU. Datasheet(HTML) 3 Page - ON Semiconductor

  KA7908TU. Datasheet HTML 1Page - ON Semiconductor KA7908TU. Datasheet HTML 2Page - ON Semiconductor KA7908TU. Datasheet HTML 3Page - ON Semiconductor KA7908TU. Datasheet HTML 4Page - ON Semiconductor KA7908TU. Datasheet HTML 5Page - ON Semiconductor KA7908TU. Datasheet HTML 6Page - ON Semiconductor KA7908TU. Datasheet HTML 7Page - ON Semiconductor KA7908TU. Datasheet HTML 8Page - ON Semiconductor KA7908TU. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.1
2
Block Diagram
Figure 1. Block Diagram
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. Thermal resistance test board, size: 76.2 mm x 114.3 mm x 1.6 mm(1S0P), JEDEC standard:
JESD51-3, JESD51-7.
2. Assume no ambient airflow.
Symbol
Parameter
Value
Unit
VI
Input Voltage
-35
V
RθJC
Thermal Resistance, Junction-Case(1)
5
°C/W
RθJA
Thermal Resistance, Junction-Air(1, 2)
65
°C/W
TOPR
Operating Temperature Range
0 to +125
°C
TSTG
Storage Temperature Range
- 65 to +150
°C
VOLTAGE
REFERENCE
+
-
PROTECTION
CIRCUITRY
R1
R2
Rsc
GND
I1
I2
Out
In
Q1
Q2
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com