Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVL14FWS16. Datasheet(PDF) 3 Page - E-SWITCH

Part # PVL14FWS16.
Description  PVL Series Pilot Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVL14FWS16. Datasheet(HTML) 3 Page - E-SWITCH

  PVL14FWS16. Datasheet HTML 1Page - E-SWITCH PVL14FWS16. Datasheet HTML 2Page - E-SWITCH PVL14FWS16. Datasheet HTML 3Page - E-SWITCH PVL14FWS16. Datasheet HTML 4Page - E-SWITCH PVL14FWS16. Datasheet HTML 5Page - E-SWITCH PVL14FWS16. Datasheet HTML 6Page - E-SWITCH PVL14FWS16. Datasheet HTML 7Page - E-SWITCH PVL14FWS16. Datasheet HTML 8Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.e-switch.com
800.867.2717
3
PVL Series Pilot Indicator
Body Dimensions
PVL10
PVL12
SHEET OF
2
9
8/21/2019
PVL Catalog Drawing
-
+
-
+
2
1
MAX. PANEL THICKNESS 6.0 [.24 in]
PVL10+12
1
2
1
2
+
-
+
-
2
1
MAX. PANEL THICKNESS 6.0 [.24 in]
1
1
M10 X 0.75
THREAD
5.00
[.197 in]
11.50
[.453 in]
10.20
[.402 in]
ILLUMINATED
1.50
[.059 in]
2.80
[.110 in]
29.50
[1.161 in]
3.00
[.118 in]
.80
[.031 in]
M12 X 1.0
THREAD
ILLUMINATED
13.50
[.531 in]
8.00
[.315 in]
2.80
[.110 in]
1.50
[.059 in]
33.20
[1.307 in]
4.00
[.157 in]
.80
[.031 in]
12.20
[.480 in]
Recommended Panel Cutout
Schematic
Recommended Panel Cutout
Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com