Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM334 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM334
Description  2.5V VOLTAGE REFERENCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM334 Datasheet(HTML) 4 Page - STMicroelectronics

  LM334 Datasheet HTML 1Page - STMicroelectronics LM334 Datasheet HTML 2Page - STMicroelectronics LM334 Datasheet HTML 3Page - STMicroelectronics LM334 Datasheet HTML 4Page - STMicroelectronics LM334 Datasheet HTML 5Page - STMicroelectronics LM334 Datasheet HTML 6Page - STMicroelectronics LM334 Datasheet HTML 7Page - STMicroelectronics LM334 Datasheet HTML 8Page - STMicroelectronics LM334 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM236 - LM336,B
4/10
APPLICATION HINTS
The LM236, LM336 voltage references are easier
to use than zener diodes. Their low impedance
and wide current range facilitate biasing in any cir-
cuits. Besides, the breakdown voltage or the tem-
perature coefficient can be adjusted so as to opti-
mize the performance of the circuit.
Figure 1 represents a LM336 with a 10k
Ω potenti-
ometer to adjust the reverse breakdown voltage
which can be adjusted without altering the temper-
ature coefficient of the circuit. The adjustment
range is generally sufficient to adjust the initial tol-
erance of the circuit and the inaccuracy of the am-
plifier circuit.
To obtain a lower temperature coefficient two di-
odes can be connected in series as indicated in
Figure 2.
When the circuit is adjusted to 2.49V the tempera-
ture coefficient is minimized.
For a correct temperature coefficient, the diodes
should be at the same ambient temperature as the
LM336. The value of R1 is not critical (2-20k
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com