Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

201014 Datasheet(PDF) 2 Page - RUKO GmbH Präzisionswerkzeuge

Part # 201014
Description  Twist drills DIN 338 type N HSS rolled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUKO [RUKO GmbH Präzisionswerkzeuge]
Direct Link  https://ruko.de/en/
Logo RUKO - RUKO GmbH Präzisionswerkzeuge

201014 Datasheet(HTML) 2 Page - RUKO GmbH Präzisionswerkzeuge

  201014 Datasheet HTML 1Page - RUKO GmbH Präzisionswerkzeuge 201014 Datasheet HTML 2Page - RUKO GmbH Präzisionswerkzeuge  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.1
1.1
- 27 -
Twist drills
Twist drills DIN 338 type N HSS rolled
Point cut:
helical point
Point angle:
118°
Helix angle:
20-30°
Ø tolerance:
h8
Surface:
black, vacuum
metalized
Right-hand cutting
Applications: for steel and cast-steel alloyed
and unalloyed up to approx. 900 N/mm²
strength, grey cast, malleable cast iron, die-
cast metal, iron sinter, nickel-silver, graphite
cast iron, short-chipping aluminium alloys,
bronze and brass.
Highly efficient standard drill suitable for all
usual drilling work in all normal materials. High
security against fracture.
Packing unit:
Ø 0,30 mm up to 10,40 mm in plastic box of 10
Ø 10,50 mm up to 16,00 mm in plastic box of 5
Ø 16,50 mm up to 20,00 mm in plastic box of 1
Ø
mm
Total length
mm
Flute length
mm
Article no.
Price
each
9,10
125
81
201 091
9,20
125
81
201 092
9,25
125
81
201 0925
9,30
125
81
201 093
9,40
125
81
201 094
9,50
125
81
201 095
9,60
133
87
201 096
9,70
133
87
201 097
9,75
133
87
201 0975
9,80
133
87
201 098
9,90
133
87
201 099
10,00
133
87
201 100
10,10
133
87
201 101
10,20
133
87
201 102
10,30
133
87
201 103
10,40
133
87
201 104
10,50
133
87
201 105
10,60
142
94
201 106
10,70
142
94
201 107
10,80
142
94
201 108
10,90
142
94
201 109
11,00
142
94
201 110
11,10
142
94
201 111
11,20
142
94
201 112
11,30
142
94
201 113
11,40
142
94
201 114
11,50
142
94
201 115
11,60
142
94
201 116
Ø
mm
Total length
mm
Flute length
mm
Article no.
Price
each
11,70
142
94
201 117
11,80
142
94
201 118
11,90
151
101
201 119
12,00
151
101
201 120
12,10
151
101
201 121
12,20
151
101
201 122
12,30
151
101
201 123
12,40
151
101
201 124
12,50
151
101
201 125
12,60
151
101
201 126
12,70
151
101
201 127
12,80
151
101
201 128
12,90
151
101
201 129
13,00
151
101
201 130
13,50
160
108
201 135
14,00
160
108
201 140
14,50
169
114
201 145
15,00
169
114
201 150
15,50
178
120
201 155
16,00
178
120
201 160
16,50
184
125
201 165
17,00
184
125
201 170
17,50
191
130
201 175
18,00
191
130
201 180
18,50
198
135
201 185
19,00
198
135
201 190
19,50
205
140
201 195
20,00
205
140
201 200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com